Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 98Page - Renesas Technology Corp R8C/19 Datasheet HTML 99Page - Renesas Technology Corp R8C/19 Datasheet HTML 100Page - Renesas Technology Corp R8C/19 Datasheet HTML 101Page - Renesas Technology Corp R8C/19 Datasheet HTML 102Page - Renesas Technology Corp R8C/19 Datasheet HTML 103Page - Renesas Technology Corp R8C/19 Datasheet HTML 104Page - Renesas Technology Corp R8C/19 Datasheet HTML 105Page - Renesas Technology Corp R8C/19 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 257 page
background image
R8C/18 Group, R8C/19 Group
12. Interrupts
Rev.1.30
Apr 14, 2006
Page 87 of 233
REJ09B0222-0130
12.2.3
INT1 Interrupt
The INT1 interrupt is generated by an INT1 input. The edge polarity is selected by the R0EDG bit in
the TXMR register.
When the CNTRSEL bit in the UCON register is set to 0, the INT10 pin becomes the INT1 input pin.
When the CNTRSEL bit is set to 1, the INT11 pin becomes the INT1 input pin.
The INT10 pin is shared with the CNTR00 pin and the INT11 pin is shared with the CNTR01 pin.
Figure 12.14 shows the TXMR Register when INT1 Interrupt is Used.
Figure 12.14
TXMR Register when INT1 Interrupt is Used
Timer X Mode Register
Symbol
Address
After Reset
TXMR
008Bh
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
/CNTR0 polarity sw itch
bit(2)
P3_7/CNTR0
_______
select bit
NOTES:
1.
2.
3.
R0EDG
RW
0 : Rising edge
1 : Falling edge
TXUND
RW
RW
TXMOD2
Operating mode select
bit 2
0 : Other than pulse period measurement mode
1 : Pulse period measurement mode
RW
TXMOD0
RW
TXMOD1
RW
b3 b2 b1 b0
b7 b6 b5 b4
TXS
Timer X count start flag(3)
0 : Stops counting.
1 : Starts counting.
The IR bit in the INT1IC register may be set to 1 (requests interrupt) w hen the R0EDG bit is rew ritten. Refer to 12.5.5
Changing Interrupt Sources.
When using INT1
_____
interrupt, select modes other than pulse output mode.
TXEDG
RW
Refer to 14.1.6 Notes on Tim er X for precautions regarding the TXS bit.
Timer X underflow flag
Function varies depending on operating mode.
Operating mode select bits
0, 1(1)
b1 b0
0 0 : Timer mode or pulse period measurement
mode
0 1 : Do not set.
1 0 : Event count mode
1 1 : Pulse w idth measurement mode
RW
TXOCNT
Function varies depending on operating mode.
Function varies depending on operating mode.
Active edge reception flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com