Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 97Page - Renesas Technology Corp R8C/19 Datasheet HTML 98Page - Renesas Technology Corp R8C/19 Datasheet HTML 99Page - Renesas Technology Corp R8C/19 Datasheet HTML 100Page - Renesas Technology Corp R8C/19 Datasheet HTML 101Page - Renesas Technology Corp R8C/19 Datasheet HTML 102Page - Renesas Technology Corp R8C/19 Datasheet HTML 103Page - Renesas Technology Corp R8C/19 Datasheet HTML 104Page - Renesas Technology Corp R8C/19 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 257 page
background image
R8C/18 Group, R8C/19 Group
12. Interrupts
Rev.1.30
Apr 14, 2006
Page 86 of 233
REJ09B0222-0130
12.2.2
INT0 Input Filter
The INT0 input contains a digital filter. The sampling clock is selected by bits INT0F1 to INT0F0 in
the INT0F register. The INT0 level is sampled every sampling clock cycle and if the sampled input
level matches three times, the IR bit in the INT0IC register is set to 1 (interrupt requested).
Figure 12.12 shows the Configuration of INT0 Input Filter. Figure 12.13 shows an Operating
Example of INT0 Input Filter.
Figure 12.12
Configuration of INT0 Input Filter
Figure 12.13
Operating Example of INT0 Input Filter
INT0F0, INT0F1: Bits in INT0F register
INT0EN, INT0PL: Bits in INTEN register
= 01b
INT0
Port P4_5
direction
register
Sampling clock
Digital filter
(input level
matches 3x)
INT0 interrupt
= 10b
= 11b
f32
f8
f1
INT0F1 to INT0F0
INT0EN
Other than
INT0F1 to INT0F0
= 00b
= 00b
Both edges
detection
circuit
INT0PL = 0
INT0PL = 1
INT0 input
Sampling
timing
IR bit in
INT0IC register
Set to 0 by a program
This is an operating example in which bits INT0F1 to INT0F0 in the INT0F
register are set to 01b, 10b, or 11b (digital filter enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com