Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 50Page - Renesas Technology Corp R8C/19 Datasheet HTML 51Page - Renesas Technology Corp R8C/19 Datasheet HTML 52Page - Renesas Technology Corp R8C/19 Datasheet HTML 53Page - Renesas Technology Corp R8C/19 Datasheet HTML 54Page - Renesas Technology Corp R8C/19 Datasheet HTML 55Page - Renesas Technology Corp R8C/19 Datasheet HTML 56Page - Renesas Technology Corp R8C/19 Datasheet HTML 57Page - Renesas Technology Corp R8C/19 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 257 page
background image
R8C/18 Group, R8C/19 Group
6. Programmable I/O Ports
Rev.1.30
Apr 14, 2006
Page 39 of 233
REJ09B0222-0130
6.5
Unassigned Pin Handling
Table 6.18 lists Unassigned Pin Handling. Figure 6.9 shows Unassigned Pin Handling.
NOTES:
1. If these ports are set to output mode and left open, they remain in input mode until they are switched
to output mode by a program. The voltage level of these pins may be undefined and the power
supply current may increase while the ports remain in input mode.
The content of the direction registers may change due to noise or program runaway caused by
noise. In order to enhance program reliability, the program should periodically repeat the setting of
the direction registers.
2. Connect these unassigned pins to the MCU using the shortest wire length (2 cm or less) possible.
3. When the power-on reset function is in use.
Figure 6.9
Unassigned Pin Handling
Table 6.18
Unassigned Pin Handling
Pin Name
Connection
Ports P1, P3_3 to P3_5,
P3_7, P4_5
• After setting to input mode, connect each pin to VSS via a resistor (pull-
down) or connect each pin to VCC via a resistor (pull-up).(2)
• After setting to output mode, leave these pins open.(1, 2)
Ports P4_6, P4_7
Connect to VCC via a pull-up resistor(2)
Port P4_2/VREF
Connect to VCC
RESET (3)
Connect to VCC via a pull-up resistor(2)
NOTE:
1. When the power-on reset function is in use.
MCU
Port P1, P3_3 to P3_5,
P3_7, P4_5
(Input mode)
:
:
(Input mode)
(Output mode)
Port P4_6, P4_7
RESET(1)
Port P4_2/VREF
:
:
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com