Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 86Page - Renesas Technology Corp R8C/19 Datasheet HTML 87Page - Renesas Technology Corp R8C/19 Datasheet HTML 88Page - Renesas Technology Corp R8C/19 Datasheet HTML 89Page - Renesas Technology Corp R8C/19 Datasheet HTML 90Page - Renesas Technology Corp R8C/19 Datasheet HTML 91Page - Renesas Technology Corp R8C/19 Datasheet HTML 92Page - Renesas Technology Corp R8C/19 Datasheet HTML 93Page - Renesas Technology Corp R8C/19 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 257 page
background image
R8C/18 Group, R8C/19 Group
12. Interrupts
Rev.1.30
Apr 14, 2006
Page 75 of 233
REJ09B0222-0130
12.1.5
Interrupts and Interrupt Vectors
There are 4 bytes in each vector. Set the starting address of an interrupt routine in each interrupt
vector. When an interrupt request is acknowledged, the CPU branches to the address set in the
corresponding interrupt vector. Figure 12.2 shows an Interrupt Vector.
Figure 12.2
Interrupt Vector
12.1.5.1
Fixed Vector Tables
The fixed vector tables are allocated addresses 0FFDCh to 0FFFFh. Table 12.1 lists the Fixed Vector
Tables. The vector addresses (H) of fixed vectors are used by the ID code check function. For
details, refer to 17.3 Functions to Prevent Rewriting of Flash Memory.
NOTE:
1. Do not use these interrupts. They are for use by development tools only.
Table 12.1
Fixed Vector Tables
Interrupt Source
Vector Addresses
Address (L) to (H)
Remarks
Reference
Undefined instruction
0FFDCh to 0FFDFh
Interrupt on UND
instruction
R8C/Tiny Series Software
Manual
Overflow
0FFE0h to 0FFE3h
Interrupt on INTO
instruction
BRK instruction
0FFE4h to 0FFE7h
If the content of address
0FFE7h is FFh, program
execution starts from the
address shown by the
vector in the relocatable
vector table.
Address match
0FFE8h to 0FFEBh
12.4 Address Match
Interrupt
Single step(1)
0FFECh to 0FFEFh
• Watchdog timer
• Oscillation stop
detection
• Voltage monitor 2
0FFF0h to 0FFF3h
• 13. Watchdog Timer
• 10. Clock Generation
Circuit
• 7. Voltage Detection
Circuit
Address break(1)
0FFF4h to 0FFF7h
(Reserved)
0FFF8h to 0FFFBh
Reset
0FFFCh to 0FFFFh
5. Resets
Vector address (L)
Vector address (H)
MSB
LSB
Low address
Mid address
High address
0 0 0 0
0 0 0 0
0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com