Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 59Page - Renesas Technology Corp R8C/19 Datasheet HTML 60Page - Renesas Technology Corp R8C/19 Datasheet HTML 61Page - Renesas Technology Corp R8C/19 Datasheet HTML 62Page - Renesas Technology Corp R8C/19 Datasheet HTML 63Page - Renesas Technology Corp R8C/19 Datasheet HTML 64Page - Renesas Technology Corp R8C/19 Datasheet HTML 65Page - Renesas Technology Corp R8C/19 Datasheet HTML 66Page - Renesas Technology Corp R8C/19 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 257 page
background image
R8C/18 Group, R8C/19 Group
7. Voltage Detection Circuit
Rev.1.30
Apr 14, 2006
Page 48 of 233
REJ09B0222-0130
7.2
Voltage Monitor 1 Reset
Table 7.2 lists the Setting Procedure of Voltage Monitor 1 Reset Associated Bits and Figure 7.8 shows
an Operating Example of Voltage Monitor 1 Reset. To use voltage monitor 1 reset to exit stop mode, set
the VW1C1 bit in the VW1C register to 1 (digital filter disabled).
NOTE:
1. When the VW1C0 bit is set to 0 (disabled), steps 3, 4, and 5 can be executed simultaneously (with
1 instruction).
Figure 7.8
Operating Example of Voltage Monitor 1 Reset
Table 7.2
Setting Procedure of Voltage Monitor 1 Reset Associated Bits
Step
When Using Digital Filter
When Not Using Digital Filter
1
Set the VCA26 bit in the VCA2 register to 1 (voltage detection 1 circuit enabled).
2
Wait for td(E-A)
3(1)
Select the sampling clock of the digital filter
by bits VW1F0 to VW1F1 in the VW1C
register.
Set the VW1C7 bit in the VW1C register to 1.
4(1)
Set the VW1C1 bit in the VW1C register to 0
(digital filter enabled).
Set the VW1C1 bit in the VW1C register to 1
(digital filter disabled).
5(1)
Set the VW1C6 bit in the VW1C register to 1 (voltage monitor 1 reset mode).
6
Set the VW1C2 bit in the VW1C register to 0.
7
Set the CM14 bit in the CM1 register to 0
(low-speed on-chip oscillator on).
−
8
Wait for 4 cycles of the sampling clock of the
digital filter.
− (No wait time)
9
Set the VW1C0 bit in the VW1C register to 1 (voltage monitor 1 reset enabled).
Vdet1
(Typ. 2.85 V)
Internal reset signal
VCC
The above applies under the following conditions.
• VCA26 bit in VCA2 register = 1 (voltage detection 1 circuit enabled)
• VW1C0 bit in VW1C register = 1 (voltage monitor 1 reset enabled)
• VW1C6 bit in VW1C register = 1 (voltage monitor 1 reset mode)
When the internal reset signal is held “L”, the pins, CPU and SFR are reset.
The internal reset signal level changes from “L” to “H”, and a program is executed beginning with the address indicated by
the reset vector.
Refer to 4. Special Function Registers (SFRs), for the SFR status after reset.
1
fRING-S
× 32
Sampling clock of
digital filter
× 4 cycles
When the VW1C1 bit is set
to 0 (digital filter enabled).
Internal reset signal
When the VW1C1 bit is set
to 1 (digital filter disabled)
and the VW1C7 bit is set
to 1.
1
fRING-S
× 32
VW1C1 and VW1C7: Bits in VW1C register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com