Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 44Page - Renesas Technology Corp R8C/19 Datasheet HTML 45Page - Renesas Technology Corp R8C/19 Datasheet HTML 46Page - Renesas Technology Corp R8C/19 Datasheet HTML 47Page - Renesas Technology Corp R8C/19 Datasheet HTML 48Page - Renesas Technology Corp R8C/19 Datasheet HTML 49Page - Renesas Technology Corp R8C/19 Datasheet HTML 50Page - Renesas Technology Corp R8C/19 Datasheet HTML 51Page - Renesas Technology Corp R8C/19 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 257 page
background image
R8C/18 Group, R8C/19 Group
6. Programmable I/O Ports
Rev.1.30
Apr 14, 2006
Page 33 of 233
REJ09B0222-0130
Figure 6.5
Registers PD1, PD3, and PD4
Figure 6.6
Registers P1, P3, and P4
Port Pi Direction Register (i = 1, 3, 4)
(1, 2)
Symbol
Address
After Reset
PD1
00E3h
00h
PD3
00E7h
00h
PD4
00EAh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
PDi_3
Port Pi3 direction bit
PDi_5
Port Pi0 direction bit
Port Pi1 direction bit
Port Pi4 direction bit
Port Pi2 direction bit
PDi_4
RW
RW
Port Pi5 direction bit
RW
0 : Input mode
(functions as an input port)
1 : Output mode
(functions as an output port)
RW
RW
Port Pi6 direction bit
RW
b7 b6 b5 b4 b3 b2
PDi_2
b1 b0
PDi_1
PDi_0
PDi_6
RW
Bits PD4_0 to PD4_4, PD4_6, and PD4_7 in the PD4 register are unavailable on this MCU. If it is necessary to set bits
PD4_0 to PD4_4, PD4_6, and PD4_7, set to 0 (input mode). When read, the content is 0.
PDi_7
Port Pi7 direction bit
RW
Bits PD3_0 to PD3_2, and PD3_6 in the PD3 register are unavailable on this MCU.
If it is necessary to set bits PD3_0 to PD3_2, and PD3_6, set to 0 (input mode). When read, the content is 0.
Port Pi Register (i = 1, 3, 4)
(1, 2)
Symbol
Address
After Reset
P1
00E1h
Undefined
P3
00E5h
Undefined
P4
00E8h
Undefined
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
RW
Port Pi6 bit
RW
Port Pi2 bit
RW
The pin level of any I/O port w hich is set
to input mode can be read by reading the
corresponding bit in this register. The pin
level of any I/O port w hich is set to output
mode can be controlled by w riting to the
corresponding bit in this register.
0 : “L” level
1 : “H” level(1)
RW
RW
RW
RW
Port Pi0 bit
Port Pi1 bit
Port Pi7 bit
Port Pi5 bit
Port Pi4 bit
Port Pi3 bit
b7 b6 b5 b4
b0
Pi_1
Pi_5
Pi_0
Pi_2
Pi_4
Pi_3
b3 b2 b1
Bits P4_0 to P4_1, and P4_3 to P4_4 in the P4 register are unavailable on this MCU.
If it is necessary to set bits P4_0 to PD4_1, and P4_3 to P4_4, set to 0 (“L” level). When read, the content is 0.
Bits P3_0 to P3_2, and P3_6 in the P3 register are unavailable on this MCU.
If it is necessary to set bits P3_0 to P3_2, and P3_6, set to 0 (“L” level). When read, the content is 0.
Pi_7
Pi_6
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com