Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 60Page - Renesas Technology Corp R8C/19 Datasheet HTML 61Page - Renesas Technology Corp R8C/19 Datasheet HTML 62Page - Renesas Technology Corp R8C/19 Datasheet HTML 63Page - Renesas Technology Corp R8C/19 Datasheet HTML 64Page - Renesas Technology Corp R8C/19 Datasheet HTML 65Page - Renesas Technology Corp R8C/19 Datasheet HTML 66Page - Renesas Technology Corp R8C/19 Datasheet HTML 67Page - Renesas Technology Corp R8C/19 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 257 page
background image
R8C/18 Group, R8C/19 Group
7. Voltage Detection Circuit
Rev.1.30
Apr 14, 2006
Page 49 of 233
REJ09B0222-0130
7.3
Voltage Monitor 2 Interrupt and Voltage Monitor 2 Reset
Table 7.3 lists the Setting Procedure of Voltage Monitor 2 Interrupt and Voltage Monitor 2 Reset
Associated Bits. Figure 7.9 shows an Operating Example of Voltage Monitor 2 Interrupt and Voltage
Monitor 2 Reset. To use voltage monitor 2 interrupt or voltage monitor 2 reset to exit stop mode, set the
VW2C1 bit in the VW2C register to 1 (digital filter disabled).
NOTES:
1. Set the VW2C7 bit to 1 (when VCC reaches Vdet2 or below) for the voltage monitor 2 reset.
2. When the VW2C0 bit is set to 0 (disabled), steps 3, 4 and 5 can be executed simultaneously (with 1
instruction).
Table 7.3
Setting Procedure of Voltage Monitor 2 Interrupt and Voltage Monitor 2 Reset
Associated Bits
Step
When Using Digital Filter
When Not Using Digital Filter
Voltage Monitor 2
Interrupt
Voltage Monitor 2
Reset
Voltage Monitor 2
Interrupt
Voltage Monitor 2
Reset
1
Set the VCA27 bit in the VCA2 register to 1 (voltage detection 2 circuit enabled).
2
Wait for td(E-A)
3(2)
Select the sampling clock of the digital filter
by bits VW2F0 to VW2F1 in the VW2C
register.
Select the timing of the interrupt and reset
request by the VW2C7 bit in the VW2C
register(1).
4(2)
Set the VW2C1 bit in the VW2C register to 0
(digital filter enabled).
Set the VW2C1 bit in the VW2C register to 1
(digital filter disabled).
5(2)
Set the VW2C6 bit in
the VW2C register to
0 (voltage monitor 2
interrupt mode).
Set the VW2C6 bit in
the VW2C register to
1 (voltage monitor 2
reset mode).
Set the VW2C6 bit in
the VW2C register to
0 (voltage monitor 2
interrupt mode).
Set the VW2C6 bit in
the VW2C register to
1 (voltage monitor 2
reset mode).
6
Set the VW2C2 bit in the VW2C register to 0 (passing of Vdet2 is not detected).
7
Set the CM14 bit in the CM1 register to 0
(low-speed on-chip oscillator on).
−
8
Wait for 4 cycles of the sampling clock of the
digital filter.
− (No wait time)
9
Set the VW2C0 bit in the VW2C register to 1 (voltage monitor 2 interrupt/reset enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com