Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 70Page - Renesas Technology Corp R8C/19 Datasheet HTML 71Page - Renesas Technology Corp R8C/19 Datasheet HTML 72Page - Renesas Technology Corp R8C/19 Datasheet HTML 73Page - Renesas Technology Corp R8C/19 Datasheet HTML 74Page - Renesas Technology Corp R8C/19 Datasheet HTML 75Page - Renesas Technology Corp R8C/19 Datasheet HTML 76Page - Renesas Technology Corp R8C/19 Datasheet HTML 77Page - Renesas Technology Corp R8C/19 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 257 page
background image
R8C/18 Group, R8C/19 Group
10. Clock Generation Circuit
Rev.1.30
Apr 14, 2006
Page 59 of 233
REJ09B0222-0130
Figure 10.6
Registers HRA1 and HRA2
High-Speed On-Chip Oscillator Control Register 1
(1)
Symbol
Address
After Reset
HRA1
0021h
When Shipping
RW
NOTE:
1.
b7 b6 b5 b4 b3 b2 b1 b0
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the HRA1 register.
RW
Function
The frequency of the high-speed on-chip oscillator is adjusted w ith bits 0 to 7.
High-speed on-chip oscillator frequency = 8 MHz
(HRA1 register = value w hen shipping ; fRING-fast mode 0)
Setting the HRA1 register to a low er value (minimum value: 00h), results in a higher
frequency.
Setting the HRA1 register to a higher value (maximum value: FFh), results in a low er
frequency.
High-Speed On-Chip Oscillator Control Register 2
(1)
Symbol
Address
After Reset
HRA2
0022h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
High-speed on-chip oscillator frequency = 8 MHz (HRA1 register = value w hen shipping)
If fRING-fast mode 0 is sw itched to fRING-fast mode 1, the frequency is multiplied by 1.5.
If fRING-fast mode 0 is sw itched to fRING-fast mode 2, the frequency is multiplied by 0.5.
Reserved bits
Set to 0.
RW
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the HRA2 register.
—
(b7-b5)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
HRA20
RW
HRA21
RW
High-speed on-chip oscillator mode
select bits
b1 b0
0 0 : fRING-fast mode 0(2)
0 1 : fRING-fast mode 1(3)
1 0 : fRING-fast mode 2(4)
1 1 : Do not set.
—
(b4-b2)
00
0
b3 b2 b1 b0
b7 b6 b5 b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com