Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 126Page - Renesas Technology Corp R8C/19 Datasheet HTML 127Page - Renesas Technology Corp R8C/19 Datasheet HTML 128Page - Renesas Technology Corp R8C/19 Datasheet HTML 129Page - Renesas Technology Corp R8C/19 Datasheet HTML 130Page - Renesas Technology Corp R8C/19 Datasheet HTML 131Page - Renesas Technology Corp R8C/19 Datasheet HTML 132Page - Renesas Technology Corp R8C/19 Datasheet HTML 133Page - Renesas Technology Corp R8C/19 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 115 of 233
REJ09B0222-0130
Figure 14.10
Operating Example in Pulse Period Measurement Mode
Underflow signal of
prescaler X
NOTES:
1. The contents of the read-out buffer can be read by reading the TX register in pulse period measurement mode.
2. After an active of edge the measured pulse is input, the TXEDG bit in the TXMR register is set to 1 (active edge found)
when the prescale X underflows for the second time.
3. The TX register should be read before the next active edge is input after the TXEDG bit is set to 1 (active edge found).
The contents in the read-out buffer are retained until the TX register is read. If the TX register is not read before the next active edge is
input, the measured result of the previous period is retained.
4. To set to 0 by a program, use a MOV instruction to write 0 to the TXEDG in the TXMR register. At the same time,
write 1 to the TXUND bit.
5. To set to 0 by a program, use a MOV instruction to write 0 to the TXUND in the TXMR register. At the same time,
write 1 to the TXEDG bit.
6. Bits TXUND and TXEDG are both set to 1 if timer X underflows and reloads on an active edge simultaneously.
In this case, the validity of the TXUND bit should be determined by the contents of the read-out buffer.
7. If the prescaler X underflow signal is “H” level when the CNTR0 active edge is input, the value in the read buffer is the count value at that
point. If the prescaler X underflow signal is “L” level when the CNTR0 active edge is input, the value in the read buffer is the next count
value.
0Fh 0Eh 0Dh 0Ch 0Bh 0Ah 09h 08h 0Fh 0Eh 0Dh
01h 00h 0Fh 0Eh
0Fh
0Eh
0Fh
0Ah
0Dh
01h
0Fh 0Eh
08h
TXS bit in TXMR
register
TXEDG bit in
TXMR register
1
0
CNTR0i pin input
Contents of timer X
Contents of
read-out buffer1
IR bit in
TXIC register
IR bit in INT1IC
register
TXUND bit in
TXMR register
Set to 1 by program
Starts
counting
Timer X
reloads
Retained(7)
Timer X read(3)
Retained(7)
Set to 0 by program(4)
(2)
(2)
Timer X read(3)
Timer X
reloads
Timer X
reloads
Set to 0 by program(5)
Set to 0 when interrupt request is acknowledged, or set by program
Set to 0 when interrupt request is acknowledged, or set by program
1
0
1
0
1
0
1
0
1
0
00h
09h
0Eh
Conditions: The period from one rising edge to the next rising edge of the measured pulse is measured (R0EDG = 0)
with the default value of the TX register as 0Fh.
i = 0 to 1
(Note 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com