Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 143Page - Renesas Technology Corp R8C/19 Datasheet HTML 144Page - Renesas Technology Corp R8C/19 Datasheet HTML 145Page - Renesas Technology Corp R8C/19 Datasheet HTML 146Page - Renesas Technology Corp R8C/19 Datasheet HTML 147Page - Renesas Technology Corp R8C/19 Datasheet HTML 148Page - Renesas Technology Corp R8C/19 Datasheet HTML 149Page - Renesas Technology Corp R8C/19 Datasheet HTML 150Page - Renesas Technology Corp R8C/19 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 132 of 233
REJ09B0222-0130
Figure 14.21
Registers TZMR and PUM in Programmable Wait One-Shot Generation Mode
Timer Z Waveform Output Control Register
Symbol
Address
After Reset
PUM
0084h
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
pin one-shot trigger
0 : INT0
_____
pin one-shot trigger disabled
control bit(1)
1 : INT0
_____
pin one-shot trigger enabled
INT0
_____
pin one-shot trigger
polarity select bit(2)
NOTES:
1.
2.
Set the INOSTG bit to 1 after the INT0EN bit in the INTEN register and the INOSEG bit in the PUM register
are set. When setting the INOSTG bit to 1 (INT0
_____
pin one-shot trigger enabled), set bits INT0F0 to INT0F1
in the INT0F register. Set the INOSTG bit to 0 (INT0
_____
pin one-shot trigger disabled) after the TZS bit in the
TZMR register is set to 0 (count stops).
The INOSEG bit is enabled only w hen the INT0PL bit in the INTEN register is set to 0 (one edge).
RW
INOSEG
RW
RW
TZOPL
RW
0 : Falling edge trigger
1 : Rising edge trigger
Reserved bits
Set to 0.
Timer Z output level latch
0 : Outputs one-shot pulse “H”.
Outputs “L” w hen the timer is stopped.
1 : Outputs one-shot pulse “L”.
Outputs “H” w hen the timer is stopped.
b7 b6 b5 b4
00
b3 b2
INOSTG
b1 b0
0
—
(b4-b0)
00
Timer Z Mode Register
Symbol
Address
After Reset
TZMR
0080h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
RW
RW
0
Set to 0.
RW
Timer Z operating mode
bits
b5 b4
1 1 : Programmable w ait one-shot generation mode
RW
TZMOD0
RW
1
Timer Z count start flag(2)
0 : Stops counting.
1 : Starts counting.
0
—
(b3-b0)
Reserved bits
b1
0
TZMOD1
b7 b6 b5 b4
11
Refer to 14.2.5 Notes on Tim er Z for precautions regarding the TZS bit.
b0
When the TZS bit is set to 1 (count starts), the count value is w ritten to the reload register only. When the TZS bit is
set to 0 (count stops), the count value is w ritten to both reload register and counter.
TZWC
TZS
Timer Z w rite control bit
Set to 1 in programmable w ait one-shot generation
mode.(1)
0
b3 b2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com