Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 174Page - Renesas Technology Corp R8C/19 Datasheet HTML 175Page - Renesas Technology Corp R8C/19 Datasheet HTML 176Page - Renesas Technology Corp R8C/19 Datasheet HTML 177Page - Renesas Technology Corp R8C/19 Datasheet HTML 178Page - Renesas Technology Corp R8C/19 Datasheet HTML 179Page - Renesas Technology Corp R8C/19 Datasheet HTML 180Page - Renesas Technology Corp R8C/19 Datasheet HTML 181Page - Renesas Technology Corp R8C/19 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 257 page
background image
R8C/18 Group, R8C/19 Group
16. Comparator
Rev.1.30
Apr 14, 2006
Page 163 of 233
REJ09B0222-0130
16. Comparator
The comparator compares the electric potential input from the VREF pin with analog input.
The analog input shares pins P1_0 to P1_3. Therefore, when using these pins, ensure the corresponding
port direction bits are set to 0 (input mode).
The result of comparator conversion is stored in the AD register.
Table 16.1 lists the Comparator Performance. Figure 16.1 shows a Comparator Block Diagram.
Figures 16.2 and 16.3 show the Associated Comparator Registers.
NOTE:
1. The
φAD frequency must be 10 MHz or below.
Table 16.1
Comparator Performance
Item
Performance
Comparator conversion
method
Comparator
Analog input voltage
0 V to AVCC
Operating clock
φAD(1)
4.2 V
≤ AVCC ≤ 5.5 V fRING-fast, f1, f2, f4
2.7 V
≤ AVCC < 4.2 V f2, f4
Absolute accuracy
AVCC = 2.7 to 5.5 V ± 20 mV
Operating mode
One-shot and repeat modes
Analog input pin
4 pins (AN8 to AN11)
Comparator conversion start
conditions
• Software trigger
Set the ADST bit in the ADCON0 register to 1 (comparator conversion
starts).
•Capture
A timer Z interrupt request is generated while the ADST bit is set to 1.
Conversion rate per pin
10
φAD cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com