Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 206Page - Renesas Technology Corp R8C/19 Datasheet HTML 207Page - Renesas Technology Corp R8C/19 Datasheet HTML 208Page - Renesas Technology Corp R8C/19 Datasheet HTML 209Page - Renesas Technology Corp R8C/19 Datasheet HTML 210Page - Renesas Technology Corp R8C/19 Datasheet HTML 211Page - Renesas Technology Corp R8C/19 Datasheet HTML 212Page - Renesas Technology Corp R8C/19 Datasheet HTML 213Page - Renesas Technology Corp R8C/19 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 257 page
background image
R8C/18 Group, R8C/19 Group
17. Flash Memory Version
Rev.1.30
Apr 14, 2006
Page 195 of 233
REJ09B0222-0130
17.5
Standard Serial I/O Mode
In standard serial I/O mode, the user ROM area can be rewritten while the MCU is mounted on-board by
using a serial programmer which is suitable for the MCU.
Standard serial I/O mode is used to connect with a serial programmer using a special clock
asynchronous serial I/O.
There are three standard serial I/O modes:
• Standard serial I/O mode 1.......... Clock synchronous serial I/O used to connect with a serial
programmer
• Standard serial I/O mode 2.......... Clock asynchronous serial I/O used to connect with a serial
programmer
• Standard serial I/O mode 3.......... Special clock asynchronous serial I/O used to connect with a serial
programmer
This MCU uses standard serial I/O mode 2 and standard serial I/O mode 3.
Refer to Appendix 2. Connection Examples between Serial Writer and On-Chip Debugging
Emulator. Contact the manufacturer of your serial programmer for additional information. Refer to the
user’s manual of your serial programmer for details on how to use it.
Table 17.7 lists the Pin Functions (Flash Memory Standard Serial I/O Mode 2), Table 17.8 lists the Pin
Functions (Flash Memory Standard Serial I/O Mode 3). Figure 17.16 shows Pin Connections for
Standard Serial I/O Mode 3.
After processing the pins shown in Table 17.8 and rewriting the flash memory using a programmer, apply
“H” to the MODE pin and reset the hardware to run a program in the flash memory in single-chip mode.
17.5.1
ID Code Check Function
The ID code check function determines whether the ID codes sent from the serial programmer and
those written in the flash memory match (refer to 17.3 Functions to Prevent Rewriting of Flash
Memory).
Table 17.7
Pin Functions (Flash Memory Standard Serial I/O Mode 2)
Pin
Name
I/O
Description
VCC,VSS
Power input
Apply the voltage guaranteed for programming and
erasure to the VCC pin and 0 V to the VSS pin.
RESET
Reset input
I
Reset input pin.
P4_6/XIN
P4_6 input/clock input
I
Connect a ceramic resonator or crystal oscillator
between pins XIN and XOUT.
P4_7/XOUT
P4_7 input/clock output
I/O
AVCC, AVSS
Analog power supply input I
Connect AVSS to VSS and AVCC to VCC, respectively.
P1_0 to P1_7
Input port P1
I
Input “H” or “L” level signal or leave the pin open.
P3_3 to P3_5
Input port P3
I
Input “H” or “L” level signal or leave the pin open.
P4_2/VREF
Input port P4
I
Input “H” or “L” level signal or leave the pin open.
MODE
MODE
I/O Input “L”.
P3_7
TXD output
O
Serial data output pin.
P4_5
RXD input
I
Serial data input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com