Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 227Page - Renesas Technology Corp R8C/19 Datasheet HTML 228Page - Renesas Technology Corp R8C/19 Datasheet HTML 229Page - Renesas Technology Corp R8C/19 Datasheet HTML 230Page - Renesas Technology Corp R8C/19 Datasheet HTML 231Page - Renesas Technology Corp R8C/19 Datasheet HTML 232Page - Renesas Technology Corp R8C/19 Datasheet HTML 233Page - Renesas Technology Corp R8C/19 Datasheet HTML 234Page - Renesas Technology Corp R8C/19 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 257 page
background image
R8C/18 Group, R8C/19 Group
18. Electrical Characteristics
Rev.1.30
Apr 14, 2006
Page 216 of 233
REJ09B0222-0130
i = 0 or 1
Figure 18.12
Serial Interface Timing Diagram when VCC = 3 V
NOTES:
1.
When selecting the digital filter by the INT0 input filter select bit, use an INT0 input HIGH width of either (1/digital filter clock
frequency x 3) or the minimum value of standard, whichever is greater.
2.
When selecting the digital filter by the INT0 input filter select bit, use an INT0 input LOW width of either (1/digital filter clock
frequency x 3) or the minimum value of standard, whichever is greater.
Figure 18.13
External Interrupt INT0 Input Timing Diagram when VCC = 3 V
Table 18.24
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi input cycle time
300
−
ns
tW(CKH)
CLKi input “H” width
150
−
ns
tW(CKL)
CLKi input “L” width
150
−
ns
td(C-Q)
TXDi output delay time
−
80
ns
th(C-Q)
TXDi hold time
0
−
ns
tsu(D-C)
RXDi input setup time
70
−
ns
th(C-D)
RXDi input hold time
90
−
ns
Table 18.25
External Interrupt INT0 Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tW(INH)
INT0 input “H” width
380(1)
−
ns
tW(INL)
INT0 input “L” width
380(2)
−
ns
tW(CKH)
tc(CK)
tW(CKL)
th(C-Q)
th(C-D)
tsu(D-C)
td(C-Q)
CLKi
TxDi
RxDi
VCC = 3 V
INTi input
tW(INL)
tW(INH)
VCC = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com