Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # R8C/19
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 236Page - Renesas Technology Corp R8C/19 Datasheet HTML 237Page - Renesas Technology Corp R8C/19 Datasheet HTML 238Page - Renesas Technology Corp R8C/19 Datasheet HTML 239Page - Renesas Technology Corp R8C/19 Datasheet HTML 240Page - Renesas Technology Corp R8C/19 Datasheet HTML 241Page - Renesas Technology Corp R8C/19 Datasheet HTML 242Page - Renesas Technology Corp R8C/19 Datasheet HTML 243Page - Renesas Technology Corp R8C/19 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 257 page
background image
R8C/18 Group, R8C/19 Group
19. Usage Notes
Rev.1.30
Apr 14, 2006
Page 225 of 233
REJ09B0222-0130
19.6
Notes on Flash Memory Version
19.6.1
CPU Rewrite Mode
19.6.1.1
Operating Speed
Before entering CPU rewrite mode (EW0 mode), select 5 MHz or below for the CPU clock using the
CM06 bit in the CM0 register and bits CM16 to CM17 in the CM1 register. This does note apply to
EW1 mode.
19.6.1.2
Prohibited Instructions
The following instructions cannot be used in EW0 mode because they reference data in the flash
memory: UND, INTO, and BRK.
19.6.1.3
Interrupts
Table 19.1 lists the EW0 Mode Interrupts and Table 19.2 lists the EW1 Mode Interrupts.
NOTES:
1. Do not use the address match interrupt while a command is being executed because the vector of
the address match interrupt is allocated in ROM.
2. Do not use a non-maskable interrupt while block 0 is being automatically erased because the fixed
vector is allocated in block 0.
Table 19.1
EW0 Mode Interrupts
Mode
Status
When Maskable Interrupt
Request is Acknowledged
When Watchdog Timer, Oscillation Stop
Detection and Voltage Monitor 2 Interrupt
Request is Acknowledged
EW0 During auto-erasure
Any interrupt can be used
by allocating a vector in
RAM
Once an interrupt request is acknowledged,
auto-programming or auto-erasure is forcibly
stopped immediately and the flash memory is
reset. Interrupt handing starts after the fixed
period and the flash memory restarts. Since
the block during auto-erasure or the address
during auto-programming is forcibly stopped,
the normal value may not be read. Execute
auto-erasure again and ensure it completes
normally.
Since the watchdog timer does not stop during
the command operation, interrupt requests
may be generated. Reset the watchdog timer
regularly.
Auto-programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com