Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 168Page - Renesas Technology Corp SH7205 Datasheet HTML 169Page - Renesas Technology Corp SH7205 Datasheet HTML 170Page - Renesas Technology Corp SH7205 Datasheet HTML 171Page - Renesas Technology Corp SH7205 Datasheet HTML 172Page - Renesas Technology Corp SH7205 Datasheet HTML 173Page - Renesas Technology Corp SH7205 Datasheet HTML 174Page - Renesas Technology Corp SH7205 Datasheet HTML 175Page - Renesas Technology Corp SH7205 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 1904 page
background image
Section 6 Exception Handling
Rev. 1.00 Mar. 25, 2008 Page 140 of 1868
REJ09B0372-0100
Exception Sources
Vector
Numbers Vector Table Address Offset
Receipt CPU
Selection*
1
Integer division exception (overflow) 18
H'00000048 to H'0000004B
Each CPU
Sleep error
19
H'0000004C to H'0000004F
User selection A
(Reserved by system)
20
H'00000050 to H'00000053
Inter-processor interrupt
(CPU0, CPU1)
21
:
28
H'00000054 to H'00000057
:
H'00000070 to H'00000073
Each CPU
(Reserved by system)
29
:
31
H'00000074 to H'00000077
:
H'0000007C to H'0000007F
Trap instruction (user vector)
32
:
63
H'00000080 to H'00000083
:
H'000000FC to H'000000FF
Each CPU
External interrupt (IRQ, PINT),
on-chip peripheral module*
2
64
:
255
H'00000100 to H'00000103
:
H'000003FC to H'000003FF
User selection B
Notes: 1. Both CPUs: Indicates that exception handling is performed on both CPU0 and CPU1.
Each CPU: Indicates that exception handling is performed on CPU0 when the exception
source occurred on CPU0 or performed on CPU1 when the exception source occurred
on CPU1.
User selection A: Indicates that only CPU0, only CPU1, or both CPU0 and CPU1 can
be selected to perform exception handling.
User selection B: Indicates that only CPU0 or only CPU1 can be selected to perform
exception handling.
2. The vector numbers and vector table address offsets for each external interrupt and on-
chip peripheral module interrupt are given in table 7.4 in section 7, Interrupt Controller
(INTC).
Table 6.4
Calculating Exception Handling Vector Table Addresses
Exception Source
Vector Table Address Calculation
Resets
Vector table address = (vector table address offset)
= (vector number)
× 4
Address errors, sleep errors, register
bank errors, interrupts, instructions
Vector table address = VBR + (vector table address offset)
= VBR + (vector number)
× 4
Notes: 1. Vector table address offset: See table 6.3.
2. Vector number: See table 6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com