Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 169Page - Renesas Technology Corp SH7205 Datasheet HTML 170Page - Renesas Technology Corp SH7205 Datasheet HTML 171Page - Renesas Technology Corp SH7205 Datasheet HTML 172Page - Renesas Technology Corp SH7205 Datasheet HTML 173Page - Renesas Technology Corp SH7205 Datasheet HTML 174Page - Renesas Technology Corp SH7205 Datasheet HTML 175Page - Renesas Technology Corp SH7205 Datasheet HTML 176Page - Renesas Technology Corp SH7205 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 1904 page
background image
Section 6 Exception Handling
Rev. 1.00 Mar. 25, 2008 Page 141 of 1868
REJ09B0372-0100
6.2
Resets
6.2.1
Input/Output Pins
Table 6.5 shows the reset-related pin configuration.
Table 6.5
Pin Configuration
Pin Name
Symbol
I/O
Function
Power-on reset
RES
Input
When this pin is driven low, this LSI shifts to
the power-on reset processing.
Manual reset
MRES
Input
When this pin is driven low, this LSI shifts to
the manual reset processing.
6.2.2
Types of Reset
A reset is the highest-priority exception source. There are two kinds of reset, power-on and
manual. As shown in table 6.6, the CPU state is initialized in both a power-on reset and a manual
reset. On-chip peripheral module registers are also initialized by a power-on reset, but not by a
manual reset.
Table 6.6
Timing of Exception Source Detection and Start of Exception Handling
Conditions for Transition to Reset State
Internal States
Type
RES or
MRES H-UDI command
WDT0
overflow
WDT1
overflow
CPU
On-chip
peripheral
module,
I/O port
WRCSR of
WDT0 and
WDT1,
FRQCR of CPG
Low
Initialized Initialized
Initialized
High
H-UDI reset assert
command is set
Initialized Initialized
Initialized
Power-on
reset
High
Command other than
H-UDI reset assert is set
Power-on
reset
Power-on
reset
Initialized Initialized
Not
initialized
Low
Command other than
H-UDI reset assert is set
Initialized Not
initialized*
Not
initialized
Manual
reset
High
Command other than
H-UDI reset assert is set
Manual
reset
Manual
reset
Initialized Not
initialized*
Not
initialized
Note:
*
However, the BN3 to BN0 bits of IBNR of the INTC are initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com