Electronic Components Datasheet Search
  English  ▼

X  

SH7205 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 170Page - Renesas Technology Corp SH7205 Datasheet HTML 171Page - Renesas Technology Corp SH7205 Datasheet HTML 172Page - Renesas Technology Corp SH7205 Datasheet HTML 173Page - Renesas Technology Corp SH7205 Datasheet HTML 174Page - Renesas Technology Corp SH7205 Datasheet HTML 175Page - Renesas Technology Corp SH7205 Datasheet HTML 176Page - Renesas Technology Corp SH7205 Datasheet HTML 177Page - Renesas Technology Corp SH7205 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 1904 page
background image
Section 6 Exception Handling
Rev. 1.00 Mar. 25, 2008 Page 142 of 1868
REJ09B0372-0100
6.2.3
Power-On Reset
(1)
Power-On Reset by Means of
RES Pin
When the
RES pin is driven low, this LSI enters the power-on reset state. To reliably reset this
LSI, the
RES pin should be kept at the low level for the duration of the oscillation settling time at
power-on or in software standby mode (when the clock is halted), or at least 20-tcyc when the
clock is running. In the power-on reset state, the internal state of the CPU and all the on-chip
peripheral module registers are initialized. See appendix A, Pin States, for the status of individual
pins during the power-on reset state.
In the power-on reset state, power-on reset exception handling starts when the
RES pin is first
driven low for a fixed period and then returned to high. The CPU operates as follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception handling vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception handling vector table.
3. The vector base register (VBR) is cleared to H'00000000, the interrupt mask level bits (I3 to
I0) of the status register (SR) are initialized to H'F (B'1111), and the BO and CS bits are
initialized to 0. The BN bit in IBNR of the INTC is also initialized to 0.
4. The values fetched from the exception handling vector table are set in the PC and SP, and the
program begins executing.
Be certain to always perform power-on reset processing when turning the system power on. For a
recommended flow of power-on reset processing, see section 4, Multi-Core Processor.
(2)
Power-On Reset by Means of H-UDI Reset Assert Command
When the H-UDI reset assert command is set, this LSI enters the power-on reset state. Power-on
reset by means of an H-UDI reset assert command is equivalent to power-on reset by means of the
RES pin. Setting the H-UDI reset negate command cancels the power-on reset state. The time
required between an H-UDI reset assert command and H-UDI reset negate command is the same
as the time to keep the
RES pin low to initiate a power-on reset. In the power-on reset state
generated by an H-UDI reset assert command, setting the H-UDI reset negate command starts
power-on reset exception handling. The CPU operates in the same way as when a power-on reset
was caused by the
RES pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com