Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 99Page - Renesas Technology Corp H83065 Datasheet HTML 100Page - Renesas Technology Corp H83065 Datasheet HTML 101Page - Renesas Technology Corp H83065 Datasheet HTML 102Page - Renesas Technology Corp H83065 Datasheet HTML 103Page - Renesas Technology Corp H83065 Datasheet HTML 104Page - Renesas Technology Corp H83065 Datasheet HTML 105Page - Renesas Technology Corp H83065 Datasheet HTML 106Page - Renesas Technology Corp H83065 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 963 page
background image
Section 4 Exception Handling
Rev. 4.00 Jan 26, 2006 page 81 of 938
REJ09B0276-0400
Table 4.2
Exception Vector Table
Vector Address*
1
Exception Source
Vector Number
Advanced Mode
Normal Mode
Reset
0
H'0000 to H'0003
H'0000 to H'0001
Reserved for system use
1
H'0004 to H'0007
H'0002 to H'0003
2
H'0008 to H'000B
H'0004 to H'0005
3
H'000C to H'000F
H'0006 to H'0007
4
H'0010 to H'0013
H'0008 to H'0009
5
H'0014 to H'0017
H'000A to H'000B
6
H'0018 to H'001B
H'000C to H'000D
External interrupt (NMI)
7
H'001C to H'001F
H'000E to H'000F
Trap instruction (4 sources)
8
H'0020 to H'0023
H'0010 to H'0011
9
H'0024 to H'0027
H'0012 to H'0013
10
H'0028 to H'002B
H'0014 to H'0015
11
H'002C to H'002F
H'0016 to H'0017
External interrupt IRQ
0
12
H'0030 to H'0033
H'0018 to H'0019
External interrupt IRQ
1
13
H'0034 to H'0037
H'001A to H'001B
External interrupt IRQ
2
14
H'0038 to H'003B
H'001C to H'001D
External interrupt IRQ
3
15
H'003C to H'003F
H'001E to H'001F
External interrupt IRQ
4
16
H'0040 to H'0043
H'0020 to H'0021
External interrupt IRQ
5
17
H'0044 to H'0047
H'0022 to H'0023
Reserved for system use
18
H'0048 to H'004B
H'0024 to H'0025
19
H'004C to H'004F
H'0026 to H'0027
Internal interrupts*
2
20
to
63
H'0050 to H'0053
to
H'00FC to H'00FF
H'0028 to H'0029
to
H'007E to H'007F
Notes: 1. Lower 16 bits of the address.
2. For the internal interrupt vectors, see section 5.3.3, Interrupt Vector Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com