Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 100Page - Renesas Technology Corp H83065 Datasheet HTML 101Page - Renesas Technology Corp H83065 Datasheet HTML 102Page - Renesas Technology Corp H83065 Datasheet HTML 103Page - Renesas Technology Corp H83065 Datasheet HTML 104Page - Renesas Technology Corp H83065 Datasheet HTML 105Page - Renesas Technology Corp H83065 Datasheet HTML 106Page - Renesas Technology Corp H83065 Datasheet HTML 107Page - Renesas Technology Corp H83065 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 963 page
background image
Section 4 Exception Handling
Rev. 4.00 Jan 26, 2006 page 82 of 938
REJ09B0276-0400
4.2
Reset
4.2.1
Overview
A reset is the highest-priority exception. When the
RES pin goes low, all processing halts and the
chip enters the reset state. A reset initializes the internal state of the CPU and the registers of the
on-chip supporting modules. Reset exception handling begins when the
RES pin changes from
low to high.
The chip can also be reset by overflow of the watchdog timer. For details see section 12,
Watchdog Timer.
4.2.2
Reset Sequence
The chip enters the reset state when the
RES pin goes low.
To ensure that the chip is reset, hold the
RES pin low for at least 20 ms at power-up. To reset the
chip during operation, hold the
RES pin low for at least 10 system clock (φ) cycles. When the
flash memory and flash memory R versions are used, the
RES pin must be held low for at least 20
system clock cycles. See appendix D.2, Pin States at Reset, for the states of the pins in the reset
state.
When the
RES pin goes high after being held low for the necessary time, the chip starts reset
exception handling as follows.
• The internal state of the CPU and the registers of the on-chip supporting modules are
initialized, and the I bit is set to 1 in CCR.
• The contents of the reset vector address (H'0000 to H'0003 in advanced mode, H'0000 to
H'0001 in normal mode) are read, and program execution starts from the address indicated in
the vector address.
Figure 4.2 shows the reset sequence in modes 1 and 3. Figure 4.3 shows the reset sequence in
modes 2 and 4. Figure 4.4 shows the reset sequence in mode 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com