| Electronic Components Datasheet Search |
|
H83065 Datasheet(PDF) 108 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H83065 Datasheet(HTML) 108 Page - Renesas Technology Corp |
|
108 / 963 page ![]() Section 4 Exception Handling Rev. 4.00 Jan 26, 2006 page 86 of 938 REJ09B0276-0400 4.3 Interrupts Interrupt exception handling can be requested by seven external sources (NMI, IRQ 0 to IRQ5), and 36 internal sources in the on-chip supporting modules. Figure 4.5 classifies the interrupt sources and indicates the number of interrupts of each type. The on-chip supporting modules that can request interrupts are the watchdog timer (WDT), DRAM interface, 16-bit timer, 8-bit timer, DMA controller (DMAC), serial communication interface (SCI), and A/D converter. Each interrupt source has a separate vector address. NMI is the highest-priority interrupt and is always accepted*. Interrupts are controlled by the interrupt controller. The interrupt controller can assign interrupts other than NMI to two priority levels, and arbitrate between simultaneous interrupts. Interrupt priorities are assigned in interrupt priority registers A and B (IPRA and IPRB) in the interrupt controller. Note: * In the flash memory and flash memory R versions, NMI input is sometimes disabled. For details see 18.6.4, NMI Input Disable Conditions. For details on interrupts see section 5, Interrupt Controller. Interrupts External interrupts Internal interrupts NMI (1) IRQ to IRQ (6) WDT*1 (1) DRAM interface*2 (1) 16-bit timer (9) 8-bit timer (8) DMAC (4) SCI (12) A/D converter (1) Notes: Numbers in parentheses are the number of interrupt sources. 1. 2. When the watchdog timer is used as an interval timer, it generates an interrupt request at every counter overflow. When the DRAM interface is used as an interval timer, it generates an interrupt request at compare match. 0 5 Figure 4.5 Interrupt Sources and Number of Interrupts |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |