Electronic Components Datasheet Search
  English  ▼

X  

H83065 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # H83065
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  963 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H83065 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button H83065 Datasheet HTML 141Page - Renesas Technology Corp H83065 Datasheet HTML 142Page - Renesas Technology Corp H83065 Datasheet HTML 143Page - Renesas Technology Corp H83065 Datasheet HTML 144Page - Renesas Technology Corp H83065 Datasheet HTML 145Page - Renesas Technology Corp H83065 Datasheet HTML 146Page - Renesas Technology Corp H83065 Datasheet HTML 147Page - Renesas Technology Corp H83065 Datasheet HTML 148Page - Renesas Technology Corp H83065 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 963 page
background image
Section 6 Bus Controller
Rev. 4.00 Jan 26, 2006 page 123 of 938
REJ09B0276-0400
6.1.4
Register Configuration
Table 6.2 summarizes the bus controller's registers.
Table 6.2
Bus Controller Registers
Address*
1
Name
Abbreviation
R/W
Initial Value
H'EE020
Bus width control register
ABWCR
R/W
H'FF*
2
H'EE021
Access state control register
ASTCR
R/W
H'FF
H'EE022
Wait control register H
WCRH
R/W
H'FF
H'EE023
Wait control register L
WCRL
R/W
H'FF
H'EE013
Bus release control register
BRCR
R/W
H'FE*
3
H'EE01F
Chip select control register
CSCR
R/W
H'0F
H'EE01E
Address control register*
4
ADRCR
R/W
H'FF
H'EE024
Bus control register
BCR
R/W
H'C6
H'EE026
DRAM control register A
DRCRA
R/W
H'10
H'EE027
DRAM control register B
DRCRB
R/W
H'08
H'EE028
Refresh timer control/status register
RTMCSR
R(W)*
5
H'07
H'EE029
Refresh timer counter
RTCNT
R/W
H'00
H'EE02A
Refresh time constant register
RTCOR
R/W
H'FF
Notes: 1. Lower 20 bits of the address in advanced mode.
2. In modes 2 and 4, the initial value is H'00.
3. In modes 3 and 4, the initial value is H'EE.
4. This register is provided only in the flash memory R version and mask ROM versions.
5. For Bit 7, only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com