Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 406 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 406 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 402Page - Renesas Technology Corp SH7014 Datasheet HTML 403Page - Renesas Technology Corp SH7014 Datasheet HTML 404Page - Renesas Technology Corp SH7014 Datasheet HTML 405Page - Renesas Technology Corp SH7014 Datasheet HTML 406Page - Renesas Technology Corp SH7014 Datasheet HTML 407Page - Renesas Technology Corp SH7014 Datasheet HTML 408Page - Renesas Technology Corp SH7014 Datasheet HTML 409Page - Renesas Technology Corp SH7014 Datasheet HTML 410Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 754 page
background image
13. High Speed A/D Converter
⎯ SH7014 ⎯
Rev.5.00 Sep. 27, 2007 Page 372 of 716
REJ09B0398-0500
Bit 7
⎯A/D End Flag (ADF): This status flag indicates that A/D conversion has ended.
Bit 7
ADF
Description
0
[Clear conditions]
(initial value)
• With ADF = 1, by reading the ADF flag then writing 0 in ADF
• When the DMAC is activated by an ADI interrupt
1
[Set conditions]
• Single mode: When A/D conversion ends after conversion for all
designated channels (during buffer operation, this is not set until
operation of the specified buffer has ended)
• Scan mode: After one round of A/D conversion for all specified
channels
Bit 6
⎯A/D Interrupt Enable (ADIE): Enables or disables interrupt requests (ADI) after A/D
conversion ends. Set the ADIE bit while conversion is suspended.
Bit 6
ADIE
Description
0
Disables interrupt requests (ADI) after A/D conversion ends
(initial value)
1
Enables interrupt requests (ADI) after A/D conversion ends
Bit 5
⎯A/D Start (ADST): Selects start or stop for A/D conversion. A 1 is maintained during A/D
conversions.
The ADST bit can be set to 1 by software, or timer conversion start triggers.
Bit 5
ADST
Description
0
A/D conversion halted
(initial value)
1
• Single mode: Start A/D conversion. Automatically cleared to 0 after
conversion for the designated channel ends.
• Scan mode: Start A/D conversion. Continuous conversion until 0
cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com