Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 407 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 407 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 403Page - Renesas Technology Corp SH7014 Datasheet HTML 404Page - Renesas Technology Corp SH7014 Datasheet HTML 405Page - Renesas Technology Corp SH7014 Datasheet HTML 406Page - Renesas Technology Corp SH7014 Datasheet HTML 407Page - Renesas Technology Corp SH7014 Datasheet HTML 408Page - Renesas Technology Corp SH7014 Datasheet HTML 409Page - Renesas Technology Corp SH7014 Datasheet HTML 410Page - Renesas Technology Corp SH7014 Datasheet HTML 411Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 754 page
background image
13. High Speed A/D Converter
⎯ SH7014 ⎯
Rev.5.00 Sep. 27, 2007 Page 373 of 716
REJ09B0398-0500
Bit 4
⎯Clock Select (CKS): Sets the A/D conversion time. Set so that the conversion time is 2 μs
or greater in proportion to the operating frequency.
Make conversion time changes only while conversion is halted.
Bit 4
CKS
Description
0
Conversion time = 40 states
(high speed A/D converter standard clock =
φ/2)
(initial value)
1
Conversion time = 80 states (when
φ/4 is selected)
Bit 3
⎯Group Mode (GRP): Designates either select mode or group mode for the A/D
conversion channel selection.
Set the GRP bit only while conversion is halted.
Bit 3
GRP
Description
0
Select mode
(initial value)
1
Group mode
Bits 2 to 0
⎯Channel Select 2 to 0 (CH2 to CH0): These bits, along with the GRP bit, select the
analog input channel.
Set the input channel only while conversion is halted.
Description
Bit 2
CH2
Bit 1
CH1
Bit 0
CH0
Select Mode (GRP = 0)
Group Mode (GRP = 1)
0
0
0
AN0
(initial value) AN0
1
AN1
AN0 to AN1
1
0
AN2
AN0 to AN2
1
AN3
AN0 to AN3
1
0
0
AN4
AN0 to AN4
1
AN5
AN0 to AN5
1
0
AN6
AN0 to AN6
1
AN7
AN0 to AN7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com