Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 408 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 408 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 404Page - Renesas Technology Corp SH7014 Datasheet HTML 405Page - Renesas Technology Corp SH7014 Datasheet HTML 406Page - Renesas Technology Corp SH7014 Datasheet HTML 407Page - Renesas Technology Corp SH7014 Datasheet HTML 408Page - Renesas Technology Corp SH7014 Datasheet HTML 409Page - Renesas Technology Corp SH7014 Datasheet HTML 410Page - Renesas Technology Corp SH7014 Datasheet HTML 411Page - Renesas Technology Corp SH7014 Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 754 page
background image
13. High Speed A/D Converter
⎯ SH7014 ⎯
Rev.5.00 Sep. 27, 2007 Page 374 of 716
REJ09B0398-0500
13.2.3
A/D Control Register (ADCR)
Bit:
7
6
5
4
3
2
1
0
⎯
PWR
TRGS1
TRGS0
SCAN
DSMP
BUFE1
BUFE0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The ADCR is an 8-bit read/write register used for A/D conversion operation control. The ADCR is
initialized to H'00 by power-on reset or in standby mode.
Bit 7
⎯Reserved: This bit always reads as 0. The write value should always be 0.
Bit 6
⎯Power (PWR): Designates the conversion start mode for the high speed A/D converter.
Setting the PWR bit to 1 sets high speed start mode, and a 0 sets to low power conversion mode.
See section 13.4.7, Conversion Start Modes for details on the conversion start operation.
Set the PWR bit only while conversion is halted.
Bit 6
PWR
Description
0
Low power conversion mode
(initial value)
1
High speed start mode
Bits 5 and 4
⎯Timer Trigger Select 1, 0 (TRGS1, TRGS0): These bits enable or prohibit A/D
conversion starts by trigger signals.
Set the TRGS1, TRGS0 bits only while conversion is halted.
Bit 5
TRGS1
Bit 4
TRGS0
Description
0
0
Enable A/D conversion start by software
(initial value)
1
Enables A/D conversion start by MTU conversion start trigger
1
0
Reserved
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com