Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 412 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 408Page - Renesas Technology Corp SH7014 Datasheet HTML 409Page - Renesas Technology Corp SH7014 Datasheet HTML 410Page - Renesas Technology Corp SH7014 Datasheet HTML 411Page - Renesas Technology Corp SH7014 Datasheet HTML 412Page - Renesas Technology Corp SH7014 Datasheet HTML 413Page - Renesas Technology Corp SH7014 Datasheet HTML 414Page - Renesas Technology Corp SH7014 Datasheet HTML 415Page - Renesas Technology Corp SH7014 Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 754 page
background image
13. High Speed A/D Converter
⎯ SH7014 ⎯
Rev.5.00 Sep. 27, 2007 Page 378 of 716
REJ09B0398-0500
13.4
Operation
• The high speed A/D converter has 10-bit resolution.
• In addition to the four operating modes of select or group, and single or scan can be set in
combination with buffer operation.
• Select mode uses one channel and group mode selects multiple channels.
• One start in the single mode performs conversions on all selected channels, and one start in the
scan mode performs repeated conversions until stopped by software.
• In buffer operation, the previous conversion result is saved in a buffer register at the end of a
conversion for the relevant channel.
• In simultaneous sampling operation, the analog input voltages of two channels are sampled
simultaneously then converted in order.
• Software, a timer conversion start trigger (MTU) can be selected as the conversion start
condition.
• High speed start mode or low power conversion mode can be selected for A/D conversion
using the PWR bit setting.
• When changing the operation mode or input channel, rewrite the ADCSR, ADCR while the
ADST bit is cleared to 0. After rewriting the ADCSR, ADCR, A/D conversion will be restarted
when the ADST bit is set to 1. Operation mode or input channel changes can be made
simultaneously with ADST bit setting. When stopping an A/D conversion before completion, 0
clear the ADST bit.
13.4.1
Select-Single Mode
Choose select-single mode when doing A/D conversions for one channel only.
When the ADST bit is set to 1, A/D conversion is started according to the designated conversion
start conditions. The ADST bit is held to 1 during the A/D conversion and is automatically cleared
to 0 upon completion.
The ADF flag is also set to 1 at the end of conversion. If the ADIE bit is set to 1 at this time, an
ADI interrupt request is generated. The ADF flag is cleared by reading the ADCSR, then writing a
0.
Figure 13.3 shows an example of operation in the select-single mode when AN1 is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com