Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 416 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 412Page - Renesas Technology Corp SH7014 Datasheet HTML 413Page - Renesas Technology Corp SH7014 Datasheet HTML 414Page - Renesas Technology Corp SH7014 Datasheet HTML 415Page - Renesas Technology Corp SH7014 Datasheet HTML 416Page - Renesas Technology Corp SH7014 Datasheet HTML 417Page - Renesas Technology Corp SH7014 Datasheet HTML 418Page - Renesas Technology Corp SH7014 Datasheet HTML 419Page - Renesas Technology Corp SH7014 Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 754 page
background image
13. High Speed A/D Converter
⎯ SH7014 ⎯
Rev.5.00 Sep. 27, 2007 Page 382 of 716
REJ09B0398-0500
The ADF flag is set to 1 at the completion of the first conversions of all the designated input
channels. At this point, if the ADIE bit is set to 1, an ADI interrupt request is issued, and the high
speed A/D converter is temporarily halted. With the high speed A/D converter in stop mode due to
an ADI interrupt request, conversion is restarted when the ADF flag is cleared to 0. The ADF flag
is cleared by reading the ADCSR, then writing a 0.
Figure 13.6 shows an example of operation in the group-scan mode when AN0 to AN2 are
selected.
ADDRB
ADDRA
Channel 3
Channel 2
Channel 1
Channel 0
ADST
ADF
ADDRC
ADDRD
Sam-
pling
1
Sam-
pling
4
Sam-
pling
2
Conver-
sion
standby
Conversion standby
Sam-
pling
5
Sam-
pling
3
Sam-
pling
6
A/D
conver-
sion 1
A/D
conver-
sion 4
A/D
conver-
sion 2
A/D
conver-
sion 5
A/D
conver-
sion 3
Conversion
standby
Conversion standby
Conversion standby
Conver-
sion
standby
Conver-
sion
standby
Cleared to 0 by software
Set to 1 by software
Conversion result 1
Conversion result 4
Conversion result 5
Conversion result 2
Conversion result 3
Conver-
sion
stopped
Figure 13.6 High Speed A/D Converter Operation Example (Group-Scan Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com