Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 418 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 418 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 414Page - Renesas Technology Corp SH7014 Datasheet HTML 415Page - Renesas Technology Corp SH7014 Datasheet HTML 416Page - Renesas Technology Corp SH7014 Datasheet HTML 417Page - Renesas Technology Corp SH7014 Datasheet HTML 418Page - Renesas Technology Corp SH7014 Datasheet HTML 419Page - Renesas Technology Corp SH7014 Datasheet HTML 420Page - Renesas Technology Corp SH7014 Datasheet HTML 421Page - Renesas Technology Corp SH7014 Datasheet HTML 422Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 754 page
background image
13. High Speed A/D Converter
⎯ SH7014 ⎯
Rev.5.00 Sep. 27, 2007 Page 384 of 716
REJ09B0398-0500
ADDRB
ADDRA
Channel 1
Channel 0
ADST
ADF
ADDRD
ADDRC
Channel 2
Channel 3
Sampling
1
Sampling
3
Sampling
2
Sampling
4
Sampling
5
A/D
conver-
sion 1
A/D
conver-
sion 3
A/D
conver-
sion 2
A/D
conver-
sion 4
Conversion
standby
Conversion standby
Conversion standby
Conversion standby
Conver-
sion
standby
Cleared to 0
by software
Set to 1
by software
Conver-
sion
result 1
Conver-
sion
result 2
Conver-
sion
result 3
Conver-
sion
result 4
Conver-
sion
result 1
Conver-
sion
result 2
Conver-
sion
result 3
Figure 13.7 Buffer Operation Example
(Select Scan Mode: Two-Stage One-Group Operation, When CH2 to CH0 = B'001)
Buffer-Only Operation: When performing conversion only on the analog input channels
specified by the BUFE1 and BUFE0 bits, select group mode, and you can select the ADF flag
setting conditions with the CH2 to CH0 bits.
Table 13.4 shows conversion during buffer operation and ADF flag setting conditions. The ADF
flag is set at the point in the table when the final conversion has ended. In single mode, conversion
is halted after the ADF flag is set to 1. In scan mode, conversion continues, and the converted data
is stored in sequence in the buffer registers specified by the BUFE1 and BUFE0 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com