Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 415 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 415 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 411Page - Renesas Technology Corp SH7014 Datasheet HTML 412Page - Renesas Technology Corp SH7014 Datasheet HTML 413Page - Renesas Technology Corp SH7014 Datasheet HTML 414Page - Renesas Technology Corp SH7014 Datasheet HTML 415Page - Renesas Technology Corp SH7014 Datasheet HTML 416Page - Renesas Technology Corp SH7014 Datasheet HTML 417Page - Renesas Technology Corp SH7014 Datasheet HTML 418Page - Renesas Technology Corp SH7014 Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 754 page
background image
13. High Speed A/D Converter
⎯ SH7014 ⎯
Rev.5.00 Sep. 27, 2007 Page 381 of 716
REJ09B0398-0500
Figure 13.5 shows an example of operation in the group-single mode when AN0 to AN2 are
selected.
ADDRB
ADDRA
Channel 3
Channel 2
Channel 1
Channel 0
ADST
ADF
ADDRC
ADDRD
Sampling
1
Sampling
2
Sampling
3
A/D
conversion
1
A/D
conversion
2
A/D
conversion
3
Conversion standby
Conversion standby
Conversion standby
Conversion standby
Conversion
standby
Conversion
standby
Conversion
standby
Automatic clear
Set to 1 by software
Conversion result 1
Conversion result 2
Conversion result 3
Figure 13.5 High Speed A/D Converter Operation Example (Group-Single Mode)
13.4.4
Group-Scan Mode
Choose group-scan mode when doing repeated A/D conversions for multiple channels. This is
useful when doing continuous monitoring of the analog inputs of multiple channels.
When the ADST bit is set to 1, A/D conversion is started according to the designated conversion
start conditions. The ADST bit is held to 1 until 0 cleared by software. A/D conversion for the
selected input channels is repeated during that interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com