| Electronic Components Datasheet Search |
|
SH7014 Datasheet(PDF) 413 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 Datasheet(HTML) 413 Page - Renesas Technology Corp |
|
413 / 754 page ![]() 13. High Speed A/D Converter ⎯ SH7014 ⎯ Rev.5.00 Sep. 27, 2007 Page 379 of 716 REJ09B0398-0500 ADDRB ADDRA Channel 3 Channel 2 Channel 1 Channel 0 ADST ADF ADDRC ADDRD Automatic clear Sampling 1 Conversion standby Conversion standby Conversion standby Conversion standby Conversion standby A/D conversion 1 Conversion result 1 Set to 1 by software Figure 13.3 High Speed A/D Converter Operation Example (Select-Single Mode) 13.4.2 Select-Scan Mode Choose select-scan mode when doing repeated A/D conversions for one channel. This is useful when doing continuous monitoring of the analog input of one channel. When the ADST bit is set to 1, A/D conversion is started according to the designated conversion start conditions. The ADST bit is held to 1 until 0 cleared by software. A/D conversion for the selected input channel is repeated during that interval. The ADF flag is set to 1 at the end of the first conversion. At this point, if the ADIE bit is set, an ADI interrupt request is issued, and the high speed A/D converter is halted. With the high speed A/D converter in stop mode due to an ADI interrupt request, conversion is restarted when the ADF flag is cleared to 0. The ADF flag is cleared by reading the ADCSR then writing a 0. Figure 13.4 shows an example of operation in the select-scan mode when AN1 is selected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |