Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 33Page - Renesas Technology Corp R8C13 Datasheet HTML 34Page - Renesas Technology Corp R8C13 Datasheet HTML 35Page - Renesas Technology Corp R8C13 Datasheet HTML 36Page - Renesas Technology Corp R8C13 Datasheet HTML 37Page - Renesas Technology Corp R8C13 Datasheet HTML 38Page - Renesas Technology Corp R8C13 Datasheet HTML 39Page - Renesas Technology Corp R8C13 Datasheet HTML 40Page - Renesas Technology Corp R8C13 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 26 of 205
REJ09B0111-0120
R8C/13 Group
5.4.1 Voltage Detection Interrupt
Figure 5.13 shows the block diagram of voltage detection interrupt generation circuit.
Refer to 5.4.2, "Exiting Stop Mode on a Voltage Detection Circuit" for Getting out of stop mode due to
the voltage detection interrupt.
A voltage detection interrupt is generated when the input voltage at the VCC pin rises to Vdet or more
or drops below Vdet if all of the following conditions hold true in normal operation mode and wait
mode.
• The VC27 bit in the VCR2 register is set to “1” (voltage detection circuit enabled)
• The D40 bit in the D4INT register is set to “1” (voltage detection interrupt enabled)
• The D46 bit in the D4INT register is set “0” (voltage detection interrupt selected)
To use the digital filter (D41 bit in the D4INT register is set to “0”), set the CM14 bit in the CM1 register
to "0" (low-speed on-chip oscillator on). Figure 5.14 shows an operation example of voltage detection
interrupt generation circuit.
The voltage detection interrupt shares the interrupt vector with the watchdog timer interrupt and oscil-
lation stop detection interrupt.
The D42 bit in the D4INT register becomes “1” when passing through Vdet is detected after the volt-
age inputted to the VCC pin is up or down.
A voltage detection interrupt request is generated when the D42 bit changes state from “0” to “1”. The
D42 bit needs to be set to “0” in a program.
Table 5.2 lists the voltage detection interrupt request generation conditions.
It takes 4 cycles of sampling clock until the D42 bit is set to "1" since the voltage which inputs to
Vcc pin passes Vdet.
It is possible to set the sampling clock detecting that the voltage applied to the VCC pin has passed
through Vdet with the DF0 to DF1 bits in the D4INT register.
Table 5.2 Voltage Detection Interrupt Request Generation Conditions
VC27 bit
D40 bit
D42 bit
D41 bit
VC13 bit
Operation mode
1
Wait mode
1
D46 bit
0
From 0 to 1(2)
From 1 to 0(2)
CM14 bit
0
Normal operation
mode(1)
11
0 or 1
0
0 or 10
0
0
From 0 to 1(2)
From 1 to 0(2)
NOTES:
1. The status except the wait mode and stop mode is handled as the normal mode. (Refer to Chapter 6, "Clock
Generation Circuit.")
2. Refer to Figure 5.14, "Operation Example of Voltage Detection Interrupt Generation Circuit" for interrupt generation
timing.
5.4 Voltage Detection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com