Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 78Page - Renesas Technology Corp R8C13 Datasheet HTML 79Page - Renesas Technology Corp R8C13 Datasheet HTML 80Page - Renesas Technology Corp R8C13 Datasheet HTML 81Page - Renesas Technology Corp R8C13 Datasheet HTML 82Page - Renesas Technology Corp R8C13 Datasheet HTML 83Page - Renesas Technology Corp R8C13 Datasheet HTML 84Page - Renesas Technology Corp R8C13 Datasheet HTML 85Page - Renesas Technology Corp R8C13 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 71 of 205
REJ09B0111-0120
R8C/13 Group
TXCK1 to TXCK0
=002
f1
f8
f32
f2
Toggle flip-flop
Polarity
switching
Q
Q
CK
TXOCNT bit
CNTR0
R0EDG=0
CLR
TXMOD1 to TXMOD0 bits=012
Counter
Reload register
Counter
Reload register
TXS bit
PREX register
TX register
Write to TX register
Timer X interrupt
Data bus
INT1 interrupt
INT1/CNTR0
R0EDG =1
TXMOD1 to TXMOD0 bits=012
=012
=102
=112
TXMOD1 to TXMOD0
=002 or 012
=102
=112
Figure 12.1 Timer X Block Diagram
Timer X mode register
Symbol
Address
After reset
TXMR
008B16
0016
Bit name
Function
Bit symbol
RW
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Timer mode or
pulse period measurement mode
0 1 : Pulse output mode
1 0 : Event counter mode
1 1 : Pulse width measurement mode
b1 b0
TXMOD2
TXS
TXMOD1
R0EDG
TXMOD0
TXOCNT
INT1/CNTR0
polarity switching
bit(1)
Operation mode
select bit 0, 1
Timer X count
start flag
0 : Stops counting
1 : Starts counting
P30/CNTR0
select bit
Operation mode
select bit 2
0 : Except in pulse period measurement mode
1 : Pulse period measurement mode
Function varies with each operation mode
TXEDG
TXUND
Timer X under
flow flag
Function varies depending on each
operation mode.
Active edge
reception flag
Function varies depending on each
operation mode.
RW
RW
RW
RW
RW
RW
RW
RW
Function varies with each operation mode
NOTES:
1. The IR bit in the INT1IC register may be set to “1” (interrupt requested) when the R0EDG bit is rewritten.
Refer to the paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book.
Figure 12.2 TXMR Register
12.1 Timer X
The Timer X is an 8-bit timer with an 8-bit prescaler. Figure 12.1 shows the block diagram of Timer X.
Figures 12.2 and 12.3 show the Timer X-related registers.
The Timer X has five operation modes listed as follows:
• Timer mode:
The timer counts an internal count source .
• Pulse output mode:
The timer counts an internal count source and outputs the pulses
whose polarity is inverted at the timer the timer underflows.
• Event counter mode:
The timer counts external pulses.
• Pulse width measurement mode: The timer measures an external pulse's pulse width.
• Pulse period measurement mode:The timer measures an external pulse's period.
12.1 Timer (Timer X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com