Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 12Page - Renesas Technology Corp R8C13 Datasheet HTML 13Page - Renesas Technology Corp R8C13 Datasheet HTML 14Page - Renesas Technology Corp R8C13 Datasheet HTML 15Page - Renesas Technology Corp R8C13 Datasheet HTML 16Page - Renesas Technology Corp R8C13 Datasheet HTML 17Page - Renesas Technology Corp R8C13 Datasheet HTML 18Page - Renesas Technology Corp R8C13 Datasheet HTML 19Page - Renesas Technology Corp R8C13 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 5 of 205
REJ09B0111-0120
R8C/13 Group
1. Overview
Package: PLQP0032GB-A (32P6U-A)
Figure 1.3 Pin Assignments (Top View)
PIN Assignments (top view)
1 2 3 4 5 6 7 8
9
10
11
12
13
14
15
16
29
28
27
26
25
24 23 22 21 20 19 18 17
32
31
30
R8C/13 Group
P16/CLK0
P15/RxD0
P14/TxD0
P03/AN4
P02/AN5
P01/AN6
P00/AN7/TxD11
P06/AN1
P05/AN2
P04/AN3
P45/INT0
P10/KI0/AN8/CMP00
P11/KI1/AN9/CMP01
P12/KI2/AN10/CMP02
P13/KI3/AN11
MODE
NOTES:
1. P47 functions only as an input port.
2. When using On-chip debugger, do not use P00/AN7/TxD11
and P37/TxD10/RxD1 pins.
3. Do not connect IVcc to Vcc.
1.5 Pin Assignments
Figure 1.3 shows the pin configuration (top view).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com