Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 71Page - Renesas Technology Corp R8C13 Datasheet HTML 72Page - Renesas Technology Corp R8C13 Datasheet HTML 73Page - Renesas Technology Corp R8C13 Datasheet HTML 74Page - Renesas Technology Corp R8C13 Datasheet HTML 75Page - Renesas Technology Corp R8C13 Datasheet HTML 76Page - Renesas Technology Corp R8C13 Datasheet HTML 77Page - Renesas Technology Corp R8C13 Datasheet HTML 78Page - Renesas Technology Corp R8C13 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 64 of 205
REJ09B0111-0120
R8C/13 Group
Timer C control register 0
SymbolAddressAfter reset
TCC0009A16
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : fRING-fast
TCC04
TCC02
TCC01
TCC00
TCC03
Timer C control bit
Timer C count source select
bit(1)
0 : Count stop
1 : Count start
TCC07
b2 b1
0 0 : Rising edge
0 1 : Falling edge
1 0 : Both edges
1 1 : Avoid this setting
b4 b3
RW
(b6-b5)
INT3 interrupt and capture
polarity select bit(1, 2)
INT3 interrupt/capture input
switching bit(1, 2)
0 : INT3
1 : fRING128
RW
RW
RW
RW
NOTES:
1. Change this bit when TCC00 bit is set to “0” (count stop).
2. The IR bit in the INT3IC may be set to “1” (interrupt requested) when the TCC03, TCC04, or TCC07 bit is rewritten.
Refer to the paragraph 19.2.5 “Changing Interrupt Factir” in the Usage Notes Reference Book.
RW
RW
Reserved bit
Set to "0"
RW
0
0
Figure 10.14 TCC0 Register and TCC1 Register
Timer C control register 1
SymbolAddressAfter reset
TCC1009B16
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
TCC11
TCC10
b1 b0
INT3 input filter select bit(1)
Timer C counter reload
select bit(2, 3)
TCC12
RW
RW
RO
RW
0 0: No filter
0 1: Filter with f1 sampling
1 0: Filter with f8 sampling
1 1: Filter with f32 sampling
0: No reload (free-run)
1: Set TC register to “000016” at
compare 1 match
Compare 0/Capture select
bit
TCC13
RW
0: Capture
(input capture mode)(2)
1: Compare 0 output
(output compare mode)
Compare 0 output mode
select bit(3)
TCC14
RW
0 0: CMP output remains unchanged
even when compare 0 matched
0 1: CMP output is reversed when
compare 0 signal is matched
1 0: CMP output is set to low when
compare 0 signal is matched
1 1: CMP output is set to high when
compare 0 signal is matched
b5 b4
Compare 1 output mode
select bit(3)
TCC16
RW
0 0: CMP output remains unchanged
even when compare 1 matched
0 1: CMP output is reversed when
compare 1 signal is matched
1 0: CMP output is set to low when
compare 1 signal is matched
1 1: CMP output is set to high when
compare 1 signal is matched
b7 b6
TCC15
TCC17
NOTES:
1. Input is recognized only when the same value from INT3 pin is sampled three times in succession.
2. Modify the TCC13 bit when the TCC00 bit in the TCC0 register is set to “0”(count stops)
3. Set the TCC12, TCC14 to TCC17 bits to “0” when the TCC13 bit is set to “0”(input capture mode).
______
10.2 INT Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com