Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 94Page - Renesas Technology Corp R8C13 Datasheet HTML 95Page - Renesas Technology Corp R8C13 Datasheet HTML 96Page - Renesas Technology Corp R8C13 Datasheet HTML 97Page - Renesas Technology Corp R8C13 Datasheet HTML 98Page - Renesas Technology Corp R8C13 Datasheet HTML 99Page - Renesas Technology Corp R8C13 Datasheet HTML 100Page - Renesas Technology Corp R8C13 Datasheet HTML 101Page - Renesas Technology Corp R8C13 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 87 of 205
REJ09B0111-0120
R8C/13 Group
Figure 12.17 Timer Y Operation Example in Programmable Waveform Generation Mode
12.2 Timer (Timer Y)
CNTR1 pin output
"H"
"L"
IR bit in TYIC
register
"1"
"0"
TYS bit in TYZMR
register
"1"
"0"
Set to "1" by program
Count starts
0116
0016
0216
Set to "0" when interrupt request is
accepted, or set by program
Waveform output
started
Waveform output
inverted
Waveform output
inverted
"1"
"0"
TYOPL bit in PUM
register
Contents of Timer Y
Count source
Primary period
Secondary period
Primary period
Prescaler Y
underflow signal
0116
0016
0116
0016
0216
Timer Y
primary
reloads
Timer Y
secondary
reloads
Conditions: PREY=0116, TYPR=0116, TYSC=0216
TYZOC register TYOCNT bit = 0
Set to "0" by program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com