Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 23Page - Renesas Technology Corp R8C13 Datasheet HTML 24Page - Renesas Technology Corp R8C13 Datasheet HTML 25Page - Renesas Technology Corp R8C13 Datasheet HTML 26Page - Renesas Technology Corp R8C13 Datasheet HTML 27Page - Renesas Technology Corp R8C13 Datasheet HTML 28Page - Renesas Technology Corp R8C13 Datasheet HTML 29Page - Renesas Technology Corp R8C13 Datasheet HTML 30Page - Renesas Technology Corp R8C13 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 16 of 205
REJ09B0111-0120
R8C/13 Group
Figure 5.4 Example Reset Circuit Using The Hardware Reset 1 (Voltage Check Circuit)
Figure 5.3 Example Reset Circuit Using The Hardware Reset 1
Example when VCC = 5V
.
VCC
RESET
Supply voltage
detection circuit
RESET
VCC
0V
0V
5V
5V
2.7V
More than td(P-R) + 500 µs
are needed.
5.1 Hardware Reset
RESET
VCC
RESET
VCC
0V
0V
More than td(P-R) + 500 µs are
needed.
Equal to or less
than 0.2VCC
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com