Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 70Page - Renesas Technology Corp R8C13 Datasheet HTML 71Page - Renesas Technology Corp R8C13 Datasheet HTML 72Page - Renesas Technology Corp R8C13 Datasheet HTML 73Page - Renesas Technology Corp R8C13 Datasheet HTML 74Page - Renesas Technology Corp R8C13 Datasheet HTML 75Page - Renesas Technology Corp R8C13 Datasheet HTML 76Page - Renesas Technology Corp R8C13 Datasheet HTML 77Page - Renesas Technology Corp R8C13 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 63 of 205
REJ09B0111-0120
R8C/13 Group
______
10.2.4 INT3 Interrupt
_______
_______
INT3 interrupts are triggered by INT3 inputs. The TCC07 bit in the TCC0 register should be se to “0”
_______
_______
(INT3). The INT3 input has a digital filter which can be sampled by one of three sampling clocks. The
sampling clock is selected using the TCC11 to TCC10 bits in the TCC1 register. The IR bit in the
INT3IC register is set to “1” (interrupt requested) when the sampled input level matches three times.
The P3_3 bit in the P3 register indicates the previous value before filtering regardless of values set in
the TCC11 to TCC10 bits.
_______
The INT3 pin is shared with the TCIN pin.
_____
When setting the TCC07 bit to “1” (fRING128), INT3 interrupts are triggered by fRING128 clock. The IR
bit in the INT3IC register is set to “1” (interrupt requested) every fRING128 clock cycle or every half
fRING128 clock cycle.
Figure 10.14 shows the TCC0 and TCC1 registers.
______
10.2 INT Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com