Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 11Page - Renesas Technology Corp R8C13 Datasheet HTML 12Page - Renesas Technology Corp R8C13 Datasheet HTML 13Page - Renesas Technology Corp R8C13 Datasheet HTML 14Page - Renesas Technology Corp R8C13 Datasheet HTML 15Page - Renesas Technology Corp R8C13 Datasheet HTML 16Page - Renesas Technology Corp R8C13 Datasheet HTML 17Page - Renesas Technology Corp R8C13 Datasheet HTML 18Page - Renesas Technology Corp R8C13 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 4 of 205
REJ09B0111-0120
R8C/13 Group
1. Overview
1.4 Product Information
Table 1.2 lists the product information.
Table 1.2 Product Information
RAM capacity
ROM capacity
Package type
Remarks
Type No.
As of January 2006
Flash memory version
R5F21132FP
PLQP0032GB-A
8K bytes
512 bytes
PLQP0032GB-A
12K bytes
768 bytes
PLQP0032GB-A
16K bytes
1K bytes
R5F21133FP
R5F21134FP
R5F21132DFP
PLQP0032GB-A
8K bytes
512 bytes
PLQP0032GB-A
12K bytes
768 bytes
PLQP0032GB-A
16K bytes
1K bytes
R5F21133DFP
R5F21134DFP
D version
Program ROM
Data flash
2K bytes x 2
2K bytes x 2
2K bytes x 2
2K bytes x 2
2K bytes x 2
2K bytes x 2
Figure 1.2 Type No., Memory Size, and Package
Package type:
FP : PLQP0032GB-A
ROM capacity:
2 : 8 KBytes.
3 : 12 KBytes.
4 : 16 KBytes.
Memory type:
F: Flash memory version
Type No. R 5 F
21 13
4
D FP
R8C/13 group
R8C/Tiny series
Classification:
D: Operating ambient temperature –40 °C to 85 °C
No symbol: Operating ambient temperature –20 °C to 85 °C
Renesas MCU
Renesas semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com