Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 60Page - Renesas Technology Corp R8C13 Datasheet HTML 61Page - Renesas Technology Corp R8C13 Datasheet HTML 62Page - Renesas Technology Corp R8C13 Datasheet HTML 63Page - Renesas Technology Corp R8C13 Datasheet HTML 64Page - Renesas Technology Corp R8C13 Datasheet HTML 65Page - Renesas Technology Corp R8C13 Datasheet HTML 66Page - Renesas Technology Corp R8C13 Datasheet HTML 67Page - Renesas Technology Corp R8C13 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 53 of 205
REJ09B0111-0120
R8C/13 Group
Figure 10.3 Interrupt Control Registers
Symbol
Address
After reset
INT0IC
005D16
XX00X0002
Bit nameFunction
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
ILVL0
IR
POL
Interrupt priority level
select bit
Interrupt request bit
Polarity select bit(3, 4)
Reserved bit
0: Interrupt not requested
1: Interrupt requested
0 : Selects falling edge
1 : Selects rising edge
Must always be set to “0”
ILVL1
ILVL2
NOTES:
1. Only "0" can be written to the IR bit. (Do not write "1").
2. To rewrite the interrupt control register, do so at a point that does not generate the interrupt request for that register.
Refer to the paragraph 19.2.6 “Changing Interrupt Control Registers”.
3. If the INTOPL bit in the INTEN register is set to “1” (both edges), set the POL bit to "0 " (selecting falling edge).
4. The IR bit may be set to “1” (interrupt requested) when the POL bit is rewritten. Refer to the paragraph 19.2.5
“Changing Interrupt Factor”.
Interrupt control register
b7b6b5b4b3b2b1b0
Bit name
Function
Bit symbol
RW
Symbol
Address
After reset
KUPIC
004D16
XXXXX0002
ADIC
004E16
XXXXX0002
CMP1IC
005016
XXXXX0002
S0TIC, S1TIC
005116, 005316
XXXXX0002
S0RIC, S1RIC
005216, 005416
XXXXX0002
INT2IC
005516
XXXXX0002
TXIC
005616
XXXXX0002
TYIC
005716
XXXXX0002
TZIC
005816
XXXXX0002
INT1IC
005916
XXXXX0002
INT3IC
005A16
XXXXX0002
TCIC
005B16
XXXXX0002
CMP0IC
005C16
XXXXX0002
ILVL0
IR
Interrupt priority level
select bit
Interrupt request bit
0 : Interrupt not requested
1 : Interrupt requested
ILVL1
ILVL2
Nothing is assigned.
When write, set to “0”. When read, its content is indeterminate.
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0
RW
RW
RW
RW(1)
(b7-b4)
RW
RW
RW
RW
RW
RW(1)
RW
(b7-b6)
Nothing is assigned.
When write, set to “0”. When read, its content is indeterminate.
(b5)
(2)
10.1 Interrupt Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com