Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 56Page - Renesas Technology Corp R8C13 Datasheet HTML 57Page - Renesas Technology Corp R8C13 Datasheet HTML 58Page - Renesas Technology Corp R8C13 Datasheet HTML 59Page - Renesas Technology Corp R8C13 Datasheet HTML 60Page - Renesas Technology Corp R8C13 Datasheet HTML 61Page - Renesas Technology Corp R8C13 Datasheet HTML 62Page - Renesas Technology Corp R8C13 Datasheet HTML 63Page - Renesas Technology Corp R8C13 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 49 of 205
REJ09B0111-0120
R8C/13 Group
10.1.3 Hardware Interrupts
Hardware interrupts are classified into two types — special interrupts and peripheral function inter-
rupts.
(1) Special Interrupts
Special interrupts are non-maskable interrupts.
• Watchdog Timer Interrupt
Generated by the watchdog timer. Once a watchdog timer interrupt is generated, be sure to initialize
the watchdog timer. For details about the watchdog timer, refer to Chapter 11, “Watchdog Timer.”
• Oscillation Stop Detection Interrupt
Generated by the oscillation stop detection function. For details about the oscillation stop detection
function, refer to Chapter 6, “Clock Generation Circuit.”
• Voltage Detection Interrupt
Generated by the voltage detection circuit. For details about the voltage detection circuit, refer to
Section 5.4, “Voltage Detection Circuit.”
• Single-step Interrupt
Do not normally use this interrupt because it is provided exclusively for use by development support
tools.
• Address Match Interrupt
An address match interrupt is generated immediately before executing the instruction at the address
indicated by the RMAD0 to RMAD1 register that corresponds to one of the AIER register's AIER0 or
AIER1 bit which is "1" (address match interrupt enabled). For details about the address match inter-
rupt, refer to Section 10.4, “Address Match Interrupt.”
(2) Peripheral Function Interrupts
Peripheral function interrupts are maskable interrupts and generated by the microcomputer's internal
functions. The interrupt factors for peripheral function interrupts are listed in Table 10.2.
“Relocatable Vector Tables”. For details about the peripheral functions, refer to the description of
each peripheral function in this manual.
10.1 Interrupt Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com