Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 98Page - Renesas Technology Corp R8C13 Datasheet HTML 99Page - Renesas Technology Corp R8C13 Datasheet HTML 100Page - Renesas Technology Corp R8C13 Datasheet HTML 101Page - Renesas Technology Corp R8C13 Datasheet HTML 102Page - Renesas Technology Corp R8C13 Datasheet HTML 103Page - Renesas Technology Corp R8C13 Datasheet HTML 104Page - Renesas Technology Corp R8C13 Datasheet HTML 105Page - Renesas Technology Corp R8C13 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 91 of 205
REJ09B0111-0120
R8C/13 Group
12.3.1 Timer Mode
In this mode, the timer counts an internally generated count source or Timer Y underflow (see “Table
12.9 Timer Mode Specifications”). The TZSC register is unused in timer mode. Figure 12.22 shows
the TYZMR register and PUM register in timer mode.
Item
Specification
Count source
f1, f2, f8, Timer Y underflow
Count operation
• Down-count
• When the timer underflows, it reloads the reload register contents before continuing
counting (When the Timer Z underflows, the contents of the Timer Z primary reload
register is reloaded.)
Divide ratio
1/(n+1)(m+1)
n: set value in PREZ register, m: set value in TZPR register
Count start condition
Write “1” (count start) to TZS bit in TYZMR register
Count stop condition
Write “0” (count stop) to TZS bit in TYZMR register
Interrupt request
• When Timer Z underflows [Timer Z interrupt]
generation timing
TZOUT pin function
Programmable I/O port
_______
INT0 pin function
______
Programmable I/O port, or INT0 interrupt input
Read from timer
Count value can be read out by reading TZPR register.
Same applies to PREZ register.
Write to timer(1)
Value written to TZPR register is written to both reload register and counter or written to
reload register only. Selected by program.
Same applies to PREZ register.
NOTES:
1. The IR bit in the TZIC register is set to "1" (interrupt requested) if you write to the TZPR or PREZ register while both
of the following conditions are met.
<Conditions>
• TZWC bit in TYZMR register is set to "0" (write to reload register and counter simultaneously)
• TZS bit in TYZMR register is set to "1" (count start)
To write to the TZPR or PREZ register in the above state, disable interrupts before the writing.
Table 12.9 Timer Mode Specifications
12.3 Timer (Timer Z)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com