Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 101Page - Renesas Technology Corp R8C13 Datasheet HTML 102Page - Renesas Technology Corp R8C13 Datasheet HTML 103Page - Renesas Technology Corp R8C13 Datasheet HTML 104Page - Renesas Technology Corp R8C13 Datasheet HTML 105Page - Renesas Technology Corp R8C13 Datasheet HTML 106Page - Renesas Technology Corp R8C13 Datasheet HTML 107Page - Renesas Technology Corp R8C13 Datasheet HTML 108Page - Renesas Technology Corp R8C13 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 224 page
background image
Rev.1.20
Jan 27, 2006
page 94 of 205
REJ09B0111-0120
R8C/13 Group
Figure 12.23 TYZMR Register and PUM Register in Programmable Waveform Generation Mode
Bit name
Function
Bit symbol
Timer Y, Z waveform output control register
Symbol
Address
After reset
PUM
008416
0016
b7
b6 b5
b4
b3 b2
b1
b0
TYOPL
TZOPL
INOSEG
INOSTG
INT0 pin one-shot
trigger polarity select bit
Timer Z output level
latch
Timer Y-related bit
INT0 pin one-shot
trigger control bit
Must set to “0” in programmable waveform
generation mode
Must set to “0” in programmable waveform
generation mode
0 : Outputs "H" for primary period
Outputs "L" for secondary period
Outputs "L" when the timer is stopped
1 : Outputs "L" for primary period
Outputs "H" for secondary period
Outputs "H" when the timer is stopped
(b3-b0)
Reserved bit
Must set to “0”
RW
RW
RW
RW
RW
RW
0
0
0
0
0
0
12.3 Timer (Timer Z)
Timer Y, Z mode register
SymbolAddressAfter reset
TYZMR008016
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
TZMOD1
TYS
TYWC
TYMOD0
TZMOD0
Timer Y-related bit
TZWC
TZS
0 : Stops counting
1 : Starts counting
Timer Z count
start flag
Timer Z operation
mode bit
b5 b4
Timer Z write
control bit
0
RW
RW
RW
RW
RW
RW
RW
RW
R1EDG
RW
Set to "1" in programmable waveform generation
mode(1)
0 1 : Programmable waveform generation mode
1
1
NOTES:
1. When the TZS bit is set to “1” (count starts), the count value is written to the reload register only.
When the TZS bit is set to “0” (count stops), the count value is written to both the reload register and counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com