Electronic Components Datasheet Search
  English  ▼

X  

R8C13 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # R8C13
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY/R8C/Tiny SERIES
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C13 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button R8C13 Datasheet HTML 161Page - Renesas Technology Corp R8C13 Datasheet HTML 162Page - Renesas Technology Corp R8C13 Datasheet HTML 163Page - Renesas Technology Corp R8C13 Datasheet HTML 164Page - Renesas Technology Corp R8C13 Datasheet HTML 165Page - Renesas Technology Corp R8C13 Datasheet HTML 166Page - Renesas Technology Corp R8C13 Datasheet HTML 167Page - Renesas Technology Corp R8C13 Datasheet HTML 168Page - Renesas Technology Corp R8C13 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 224 page
background image
R8C/13 Group
16. Electrical Characteristics
Rev.1.20
Jan 27, 2006
page 154 of 205
REJ09B0111-0120
Table 16.4 Flash Memory (Program ROM) Electrical Characteristics
Byte program time
Block erase time
Program, Erase Voltage
Read Voltage
50
0.4
µs
Parameter
Standard
Min.
Typ.Max
Unit
Measuring condition
Symbol
–
–
–
–
Program, Erase Temperature
2.7
2.7
0
5.5
5.5
60
s
V
V
°C
–
–
Program/Erase endurance(2)
1000(3)
times
Time delay from Suspend Request until Erase Suspend
8
ms
td(SR-ES)
Data hold time(7)
–
Ambient temperature
= 55 °C
year
20
Erase Suspend Request Interval
–
10
ms
NOTES:
1. Referenced to VCC=AVcc=2.7 to 5.5V at Topr = 0°C to 60°C unless otherwise specified.
2. Definition of Program/Erase
The endurance of Program/Erase shows a time for each block.
If the program/erase number is “n” (n = 1000, 10000), “n” times erase can be performed for each block.
For example, if performing one-byte write to the distinct addresses on Block A of 2K-byte block 2048 times and then
erasing that block, the number of Program/Erase cycles is one time.
However, performing multiple writes to the same address before an erase operation is prohibited (overwriting
prohibited).
3. Numbers of Program/Erase cycles for which all electrical characteristics is guaranteed.
4. To reduce the number of Program/Erase cycles, a block erase should ideally be performed after writing in series as
many distinct addresses (only one time each) as possible. If programming a set of 16 bytes, write up to 128 sets and
then erase them one time. This will result in ideally reducing the number of Program/Erase cycles. Additionally,
averaging the number of Program/Erase cycles for Block A and B will be more effective. It is important to track the total
number of block erases and restrict the number.
5. If error occurs during block erase, attempt to execute the clear status register command, then the block erase
command at least three times until the erase error disappears.
6. Customers desiring Program/Erase failure rate information should contact their Renesas technical support representa-
tive.
7. The data hold time includes time that the power supply is off or the clock is not supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com