Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 363Page - Renesas Technology Corp SH7713 Datasheet HTML 364Page - Renesas Technology Corp SH7713 Datasheet HTML 365Page - Renesas Technology Corp SH7713 Datasheet HTML 366Page - Renesas Technology Corp SH7713 Datasheet HTML 367Page - Renesas Technology Corp SH7713 Datasheet HTML 368Page - Renesas Technology Corp SH7713 Datasheet HTML 369Page - Renesas Technology Corp SH7713 Datasheet HTML 370Page - Renesas Technology Corp SH7713 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 904 page
background image
Section 11 On-Chip Oscillation Circuits
Rev.1.50 Aug. 30, 2006 Page 327 of 860
REJ09B0288-0150
15
8
7
0
H'5A
Write data
Address: H'A415FF84
WTCNT write
15
8
7
0
H'A5
Write data
Address: H'A415FF86
WTCSR write
Figure 11.3 Writing to WTCNT and WTCSR
11.8
Using WDT
11.8.1
Canceling Standbys
The WDT can be used to cancel standby mode with an interrupt such as an NMI. The procedure is
described below. (The WDT does not run when resets are used for canceling, so keep the
RESETP
or
RESETM pin low until the clock stabilizes.)
1. Before transitioning to standby mode, always clear the TME bit in WTCSR to 0. When the
TME bit is 1, an erroneous reset or interval timer interrupt may be generated when the count
overflows.
2. Set the type of count clock used in the CKS2 to CKS0 bits in WTCSR and the initial values for
the counter in WTCNT. These values should ensure that the time till count overflow is longer
than the clock oscillation settling time.
3. Move to standby mode by executing a SLEEP instruction to stop the clock.
4. The WDT starts counting by detecting the edge change of the NMI signal.
5. When the WDT count overflows, the CPG starts supplying the clock and the processor
resumes operation. The WOVF flag in WTCSR is not set at this time.
6. Since the WDT continues counting from H'00, clear the STBY bit in STBCR to 0 in the
interrupt processing program and this will stop the WDT. When the STBY bit remains 1, the
LSI again enters the standby mode when the WDT has counted up to H'80. This standby mode
can be canceled by power-on resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com