Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 360Page - Renesas Technology Corp SH7713 Datasheet HTML 361Page - Renesas Technology Corp SH7713 Datasheet HTML 362Page - Renesas Technology Corp SH7713 Datasheet HTML 363Page - Renesas Technology Corp SH7713 Datasheet HTML 364Page - Renesas Technology Corp SH7713 Datasheet HTML 365Page - Renesas Technology Corp SH7713 Datasheet HTML 366Page - Renesas Technology Corp SH7713 Datasheet HTML 367Page - Renesas Technology Corp SH7713 Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 904 page
background image
Section 11 On-Chip Oscillation Circuits
Rev.1.50 Aug. 30, 2006 Page 324 of 860
REJ09B0288-0150
11.7
Register Descriptions of WDT
The WDT has the following two registers that select the clock, switch the timer mode, and
perform other functions. For details on register addresses and register access size, refer to section
23, List of Registers.
• Watchdog timer counter (WTCNT)
• Watchdog timer control/status register (WTCSR)
11.7.1
Watchdog Timer Counter (WTCNT)
WTCNT is an 8-bit readable/writable counter. WTCNT increments on the selected clock. When
an overflow occurs, it generates a reset in watchdog timer mode and an interrupt in interval time
mode. WTCNT is initialized to H'00 only by a power-on reset through the
RESETP pin. Use a
word access to write to WTCNT, with H'5A in the upper byte. Use a byte access to read WTCNT.
Note:
WTCNT differs from other registers in that it is more difficult to write to. See section
11.7.3, Notes on Register Access, for details.
11.7.2
Watchdog Timer Control/Status Register (WTCSR)
WTCSR is an 8-bit readable/writable register composed of bits to select the clock used for the
count, bits to select the timer mode, and overflow flags.
WTCSR is initialized to H'00 only by a power-on reset through the
RESETP pin. When a WDT
overflow causes an internal reset, WTCSR retains its value. When used to count the clock settling
time for canceling a standby, it retains its value after counter overflow.
Use a word access to write to WTCSR, with H'A5 in the upper byte. Use a byte access to read
WTCSR.
Note:
WTCSR differs from other registers in that it is more difficult to write to. See section
11.7.3, Notes on Register Access, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com