Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 392 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 392 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 388Page - Renesas Technology Corp SH7713 Datasheet HTML 389Page - Renesas Technology Corp SH7713 Datasheet HTML 390Page - Renesas Technology Corp SH7713 Datasheet HTML 391Page - Renesas Technology Corp SH7713 Datasheet HTML 392Page - Renesas Technology Corp SH7713 Datasheet HTML 393Page - Renesas Technology Corp SH7713 Datasheet HTML 394Page - Renesas Technology Corp SH7713 Datasheet HTML 395Page - Renesas Technology Corp SH7713 Datasheet HTML 396Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 352 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
10
9
8
7
WR3
WR2
WR1
WR0
1
0
1
0
R/W
R/W
R/W
R/W
Number of Access Wait Cycles
Specify the number of wait cycles that are necessary for
read/write access.
0000: 0 cycle
0001: 1 cycle
0010: 2 cycles
0011: 3 cycles
0100: 4 cycles
0101: 5 cycles
0110: 6 cycles
0111: 8 cycles
1000: 10 cycles
1001: 12 cycles
1010: 14 cycles
1011: 18 cycles
1100: 24 cycles
1101: Reserved (Setting prohibited)
1110: Reserved (Setting prohibited)
1111: Reserved (Setting prohibited)
6
WM
0
R/W
External Wait Mask Specification
Specifies whether or not the external wait input is valid.
The specification by this bit is valid even when the number
of access wait cycle is 0.
0: External wait is valid
1: External wait is ignored
5 to 2
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com