Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 389 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 389 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 385Page - Renesas Technology Corp SH7713 Datasheet HTML 386Page - Renesas Technology Corp SH7713 Datasheet HTML 387Page - Renesas Technology Corp SH7713 Datasheet HTML 388Page - Renesas Technology Corp SH7713 Datasheet HTML 389Page - Renesas Technology Corp SH7713 Datasheet HTML 390Page - Renesas Technology Corp SH7713 Datasheet HTML 391Page - Renesas Technology Corp SH7713 Datasheet HTML 392Page - Renesas Technology Corp SH7713 Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 349 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
15
14
13
12
TYPE3
TYPE2
TYPE1
TYPE0
0
0
0
0
R/W
R/W
R/W
R/W
Memory Type
Specify the type of memory connected to a space.
0000: Normal space
0001: Burst ROM (clock asynchronous)
0010: Reserved (setting prohibited)
0011: Byte-selection SRAM
0100: SDRAM
0101: PCMCIA
0110: Reserved (setting prohibited)
0111: Burst ROM (clock synchronous)*
2
1000: Reserved (setting prohibited)
1001: Reserved (setting prohibited)
1010: Reserved (setting prohibited)
1011: Reserved (setting prohibited)
1100: Reserved (setting prohibited)
1101: Reserved (setting prohibited)
1110: Reserved (setting prohibited)
1111: Reserved (setting prohibited)
Note: Memory type for area 0 immediately after reset is
normal space. The normal space, burst ROM (clock
asynchronous), or burst ROM (clock synchronous)
can be selected by these bits.
For details on memory type in each area, see tables 12.2
and 12.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com