Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 420 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 420 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 416Page - Renesas Technology Corp SH7713 Datasheet HTML 417Page - Renesas Technology Corp SH7713 Datasheet HTML 418Page - Renesas Technology Corp SH7713 Datasheet HTML 419Page - Renesas Technology Corp SH7713 Datasheet HTML 420Page - Renesas Technology Corp SH7713 Datasheet HTML 421Page - Renesas Technology Corp SH7713 Datasheet HTML 422Page - Renesas Technology Corp SH7713 Datasheet HTML 423Page - Renesas Technology Corp SH7713 Datasheet HTML 424Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 380 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
8
BACTV
0
R/W
Bank Active Mode
Specifies to access whether in auto-precharge mode
(using READA and WRITA commands) or in bank active
mode (using READ and WRIT commands).
0: Auto-precharge mode (using READA and WRITA
commands)
1: Bank active mode (using READ and WRIT commands)
Note: Bank active mode can be used only in area 3. In this
case, the bus width can be selected as 16 or 32 bits.
When both areas 2 and 3 are set to SDRAM, specify
auto-precharge mode.
7 to 5
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
4
3
A3ROW1
A3ROW0
0
0
R/W
R/W
Number of Bits of Row Address for Area 3
Specify the number of bits of the row address for area 3.
00: 11 bits
01: 12 bits
10: 13 bits
11: Reserved (setting prohibited)
2
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.
1
0
A3COL1
A3COL0
0
0
R/W
R/W
Number of Bits of Column Address for Area 3
Specify the number of bits of the column address for area
3.
00: 8 bits
01: 9 bits
10: 10 bits
11: Reserved (setting prohibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com