Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 423 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 423 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 419Page - Renesas Technology Corp SH7713 Datasheet HTML 420Page - Renesas Technology Corp SH7713 Datasheet HTML 421Page - Renesas Technology Corp SH7713 Datasheet HTML 422Page - Renesas Technology Corp SH7713 Datasheet HTML 423Page - Renesas Technology Corp SH7713 Datasheet HTML 424Page - Renesas Technology Corp SH7713 Datasheet HTML 425Page - Renesas Technology Corp SH7713 Datasheet HTML 426Page - Renesas Technology Corp SH7713 Datasheet HTML 427Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 383 of 860
REJ09B0288-0150
12.4.7
Refresh Time Constant Register (RTCOR)
RTCOR is an 8-bit register. When RTCOR matches RTCNT, the CMF bit in RTCSR is set to 1
and RTCNT is cleared to 0.
When the RFSH bit in SDCR is 1, a memory refresh request is issued by this matching signal.
This request is maintained until the refresh operation is performed. If the request is not processed
when the next matching occurs, the previous request is ignored.
If the CMIE bit of the RTCSR is set to 1, an interrupt is requested by this matching signal. This
request is maintained until the CMF bit in RTCSR is cleared to 0. Clearing the CMF bit in RTCSR
affects only interrupts and does not affect refresh requests. This makes it possible to count the
number of refresh requests during refresh by interrupts, and to specify the refresh and interval
timer interrupts simultaneously. When the RTCOR is written, the upper 16 bits of the write data
must be H’A55A to cancel write protection.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 8
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
7 to 0
All 0
R/W
8-bit Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com