Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 422 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 422 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 418Page - Renesas Technology Corp SH7713 Datasheet HTML 419Page - Renesas Technology Corp SH7713 Datasheet HTML 420Page - Renesas Technology Corp SH7713 Datasheet HTML 421Page - Renesas Technology Corp SH7713 Datasheet HTML 422Page - Renesas Technology Corp SH7713 Datasheet HTML 423Page - Renesas Technology Corp SH7713 Datasheet HTML 424Page - Renesas Technology Corp SH7713 Datasheet HTML 425Page - Renesas Technology Corp SH7713 Datasheet HTML 426Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 904 page
background image
Section 12 Bus State Controller (BSC)
Rev.1.50 Aug. 30, 2006 Page 382 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
2
1
0
RRC2
RRC1
RRC0
0
0
0
R/W
R/W
R/W
Refresh Count
Specify the number of continuous refresh cycles, when the
refresh request occurs after the coincidence of the values
of the refresh timer counter (RTCNT) and the refresh time
constant register (RTCOR). These bits can make the
period of occurrence of refresh long.
000: Once
001: Twice
010: 4 times
011: 6 times
100: 8 times
101: Reserved (setting prohibited)
110: Reserved (setting prohibited)
111: Reserved (setting prohibited)
12.4.6
Refresh Timer Counter (RTCNT)
RTCNT is an 8-bit counter that increments using the clock selected by bits CKS2 to CKS0 in
RTCSR. When RTCNT matches RTCOR, RTCNT is cleared to 0. The value in RTCNT returns to
0 after counting up to 255. When the RTCNT is written, the upper 16 bits of the write data must
be H’A55A to cancel write protection.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 8
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
7 to 0
All 0
R/W
8-bit Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com