Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 514 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 514 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 510Page - Renesas Technology Corp SH7713 Datasheet HTML 511Page - Renesas Technology Corp SH7713 Datasheet HTML 512Page - Renesas Technology Corp SH7713 Datasheet HTML 513Page - Renesas Technology Corp SH7713 Datasheet HTML 514Page - Renesas Technology Corp SH7713 Datasheet HTML 515Page - Renesas Technology Corp SH7713 Datasheet HTML 516Page - Renesas Technology Corp SH7713 Datasheet HTML 517Page - Renesas Technology Corp SH7713 Datasheet HTML 518Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 474 of 860
REJ09B0288-0150
Transfer requests from the various modules are specified by the MID and RID as shown in table
13.2.
Table 13.2
DMARS Setting
Peripheral
Module
Setting Value for One
Channel (MID + RID)
MID
RID
Function
H'21
B'01
Transmit
SCIF0
H'22
B'001000
B'10
Receive
H'29
B'01
Transmit
SCIF1
H'2A
B'001010
B'10
Receive
H'51
B'01
Transmit
SIOF0
H'52
B'010100
B'10
Receive
H'55
B'01
Transmit
SIOF1
H'56
B'010101
B'10
Receive
13.4
Operation
When there is a DMA transfer request, the DMAC starts the transfer according to the
predetermined channel priority order; when the transfer end conditions are satisfied, it ends the
transfer. Transfers can be requested in three modes: auto request, external request, and on-chip
peripheral module request. In the bus mode, the burst mode or the cycle steal mode can be
selected.
13.4.1
DMA Transfer Flow
After the DMA source address registers (SAR), DMA destination address registers (DAR), DMA
transfer count registers (DMATCR), DMA channel control registers (CHCR), DMA operation
register (DMAOR), and DMA extension resource selector (DMARS) are set, the DMAC transfers
data according to the following procedure:
1. Checks to see if transfer is enabled (DE = 1, DME = 1, TE = 0, AE = 0, NMIF = 0)
2. When a transfer request comes and transfer is enabled, the DMAC transfers 1 transfer unit of
data (depending on the TS0 and TS1 settings). For an auto request, the transfer begins
automatically when the DE bit and DME bit are set to 1. The DMATCR value will be
decremented for each transfer. The actual transfer flows vary by address mode and bus mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com